Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTCCL-30V Datasheet (PDF) - Vishay Siliconix

PTCCL-30V Datasheet PDF - Vishay Siliconix
Part # PTCCL-30V
Download  PTCCL-30V Download
File Size   130.91 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 30 V to 60 V PTC Thermistors for Overload Protection

PTCCL-30V Datasheet (PDF)

Go To PDF Page Download Datasheet
PTCCL-30V Datasheet PDF - Vishay Siliconix

Part # PTCCL-30V
Download  PTCCL-30V Click to download

File Size   130.91 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 30 V to 60 V PTC Thermistors for Overload Protection

PTCCL-30V Datasheet (HTML) - Vishay Siliconix


PTCCL-30V Product details

FEATURES
• Wide range of trip and non-trip currents:
From 94 mA up to 2 A for the trip current
• Small ratio between trip and non-trip currents
(It/Int = 1.5 at 25 °C)
• High maximum overload current (up to 23 A)
• Leaded parts withstand mechanical stresses
and vibration
• UL file E148885 according to XGPU standard UL1434
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
Overload (current, voltage, temperature) protection in:
• Industrial electronics
• Consumer electronics
• Electronic data processing

DESCRIPTION
These directly heated ceramic-based thermistors have a
positive temperature coefficient and are primarily intended
for overload protection. They consist of a ceramic pellet
soldered between two tinned CCS wires and coated with a
UL 94 V-0 high temperature hard silicone lacquer.
Bare metalized pellets are available on request.

MOUNTING
PTC thermistors can be mounted by wave, reflow, or
hand-soldering. Current levels have been determined
according IEC 60738 conditions. Different ways of
mounting or connecting the thermistors can influence their
thermal and electrical behavior. Standard operation is in air,
any potting or encapsulation of PTC thermistors is not
recommended and will change its operating characteristics.
Typical Soldering
235 °C; duration: 5 s (lead (Pb)-bearing)
245 °C, duration: 5 s (lead (Pb)-free)
Resistance to Soldering Heat
260 °C, duration: 10 s max.

MARKING
Only the gray lacquered thermistors with a diameter of
8.5 mm to 20.5 mm are marked with BC, R25 value
(example 1R9) on one side and Int, Vmax. on the other side.




Similar Part No. - PTCCL-30V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCCL-30V VISHAY-PTCCL-30V Datasheet
133Kb / 6P
30 V to 60 V PTC Thermistors for Overload Protection
21-Sep-15
More results


Similar Description - PTCCL-30V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2381660X491 VISHAY-2381660X491 Datasheet
515Kb / 6P
30 to 60 V PTC Thermistors For Overload Protection
12-Dec-05
PTCCL05H630HBE VISHAY-PTCCL05H630HBE Datasheet
201Kb / 6P
265 V PTC Thermistors For Overload Protection
18-Aug-09
PTCCL05H131EBE VISHAY-PTCCL05H131EBE Datasheet
181Kb / 6P
30 V to 60 V PTC Thermistors For Overload Protection
29-Jul-09
PTCCL-30-V VISHAY-PTCCL-30-V Datasheet
133Kb / 6P
30 V to 60 V PTC Thermistors for Overload Protection
21-Sep-15
PTCCL-145-V VISHAY-PTCCL-145-V Datasheet
132Kb / 6P
145 V PTC Thermistors for Overload Protection
21-Sep-15
PTCCL-265-V VISHAY-PTCCL-265-V Datasheet
135Kb / 6P
265 V PTC Thermistors for Overload Protection
21-Sep-15
PTCCL-30V VISHAY-PTCCL-30V Datasheet
133Kb / 6P
30 V to 60 V PTC Thermistors for Overload Protection
21-Sep-15
PTCCL-265V VISHAY-PTCCL-265V Datasheet
135Kb / 6P
265 V PTC Thermistors for Overload Protection
21-Sep-15
PTCCL-145V VISHAY-PTCCL-145V_V01 Datasheet
129Kb / 6P
145 V PTC Thermistors for Overload Protection
21-Sep-15
PTCCL-265V VISHAY-PTCCL-265V_V01 Datasheet
133Kb / 6P
265 V PTC Thermistors for Overload Protection
21-Sep-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com