Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REC38L Datasheet (PDF) - Vishay Siliconix

REC38L Datasheet PDF - Vishay Siliconix
Part # REC38L_V01
Download  REC38L Download
File Size   71.7 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Linear Transducers, Conductive Plastic, Up to 150 mm

REC38L Datasheet (PDF)

Go To PDF Page Download Datasheet
REC38L Datasheet PDF - Vishay Siliconix

Part # REC38L_V01
Download  REC38L Click to download

File Size   71.7 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Linear Transducers, Conductive Plastic, Up to 150 mm

REC38L Datasheet (HTML) - Vishay Siliconix


REC38L Product details

FEATURES
• Measurement range 12.5 mm to 150 mm
• High accuracy ± 1 % down to ± 0.1 %
• Long life
• Essentially infinite resolution
• Very small dimension: external diameter = 9.52 mm
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - REC38L_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
REC38L0.5A102W VISHAY-REC38L0.5A102W Datasheet
83Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 150 mm
08-Sep-16
REC38L0.5B102W VISHAY-REC38L0.5B102W Datasheet
83Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 150 mm
08-Sep-16
REC38L0.5C102W VISHAY-REC38L0.5C102W Datasheet
83Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 150 mm
08-Sep-16
REC38L0.5D102W VISHAY-REC38L0.5D102W Datasheet
83Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 150 mm
08-Sep-16
REC38L1A102W VISHAY-REC38L1A102W Datasheet
83Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 150 mm
08-Sep-16
More results


Similar Description - REC38L_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
REC110L VISHAY-REC110L_15 Datasheet
415Kb / 5P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC115L VISHAY-REC115L Datasheet
262Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 1000 mm
26-Mar-15
REC139L VISHAY-REC139L_15 Datasheet
261Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 3000 mm
26-Mar-15
REC34L VISHAY-REC34L Datasheet
397Kb / 4P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC50L VISHAY-REC50L Datasheet
89Kb / 4P
Precision Linear Transducers, Conductive Plastic, up to 300 mm
17-Sep-12
REC110L VISHAY-REC110L_V01 Datasheet
412Kb / 5P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC115L VISHAY-REC115L_V01 Datasheet
115Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 1000 mms
18-Feb-2019
REC139L VISHAY-REC139L_V01 Datasheet
258Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 3000 mms
26-Mar-15
REC34L VISHAY-REC34L_V01 Datasheet
394Kb / 4P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC50L VISHAY-REC50L_V01 Datasheet
86Kb / 4P
Precision Linear Transducers, Conductive Plastic, up to 300 mm
17-Sep-12
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com