Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1261657 Datasheet (PDF) - PHOENIX CONTACT

1261657 Datasheet PDF - PHOENIX CONTACT
Part # 1261657
Download  1261657 Download
File Size   205.06 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Monitor - FPM 17.3 69K

1261657 Datasheet (PDF)

Go To PDF Page Download Datasheet
1261657 Datasheet PDF - PHOENIX CONTACT

Part # 1261657
Download  1261657 Click to download

File Size   205.06 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Monitor - FPM 17.3 69K

1261657 Datasheet (HTML) - PHOENIX CONTACT


1261657 Product details

Hygiene monitor with 43.9 cm/17.3" TFT display (capacitive multi-touchscreen), 1920 x 1080
pixels (Full HD) in all-around closed stainless-steel housing without screws or sharp edges.

Your advantages
• Robust and high-performance under extreme conditions
• Stable and resistant with a closed stainless-steel housing
• Hygienic design with passive cooling
• Easy mounting with boom adapter or VESA adapter
• Capacitive multi-touch display for convenient multi-finger operation with gloves




Similar Part No. - 1261657

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1261656 PHOENIX-1261656 Datasheet
205Kb / 6P
Monitor - FPM 17.3 69K SP
Dec 2, 2022
1261658 PHOENIX-1261658 Datasheet
200Kb / 5P
Monitor - FPM 15.6 69K SP
Dec 2, 2022
1261659 PHOENIX-1261659 Datasheet
203Kb / 6P
Monitor - FPM 23.8 69K
Dec 2, 2022
More results


Similar Description - 1261657

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2913016 PHOENIX-2913016 Datasheet
49Kb / 2P
Monitor - VL FPM 12U
2913017 PHOENIX-2913017 Datasheet
49Kb / 2P
Monitor - VL FPM 15
2913018 PHOENIX-2913018 Datasheet
49Kb / 2P
Monitor - VL FPM 15U
2913021 PHOENIX-2913021 Datasheet
49Kb / 2P
Monitor - VL FPM 19U
1261656 PHOENIX-1261656 Datasheet
205Kb / 6P
Monitor - FPM 17.3 69K SP
Dec 2, 2022
1261658 PHOENIX-1261658 Datasheet
200Kb / 5P
Monitor - FPM 15.6 69K SP
Dec 2, 2022
1261659 PHOENIX-1261659 Datasheet
203Kb / 6P
Monitor - FPM 23.8 69K
Dec 2, 2022
1261660 PHOENIX-1261660 Datasheet
200Kb / 5P
Monitor - FPM 15.6 69K
Dec 2, 2022
1261662 PHOENIX-1261662 Datasheet
206Kb / 6P
Monitor - FPM 23.8 69K SP
Dec 2, 2022
1262469 PHOENIX-1262469 Datasheet
211Kb / 7P
Panel PC - PPC 17.3 AIO 69K
Dec 2, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com