Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2400064 Datasheet (PDF) - PHOENIX CONTACT

2400064 Datasheet PDF - PHOENIX CONTACT
Part # 2400064
Download  2400064 Download
File Size   391.01 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Rackmount PC - BL RACKMOUNT 4U

2400064 Datasheet (PDF)

Go To PDF Page Download Datasheet
2400064 Datasheet PDF - PHOENIX CONTACT

Part # 2400064
Download  2400064 Click to download

File Size   391.01 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Rackmount PC - BL RACKMOUNT 4U

2400064 Datasheet (HTML) - PHOENIX CONTACT


2400064 Product details

19", 4U rack-mount PC with an Intel® Core™ i3-9100TE or Intel Core™ i7-9700TE 2.40 GHz
processor and up to 32 GB of RAM. Mass storage options up to 12 TB. PCI and PCIe expansion
slots are open for expansion. UL/cUL approval only current for 4th Gen i3/i7 CPUs.

Your advantages
• Tailored to the 19" rack format
• Three swappable drive trays for mass storage
• All front facing components are secured under a lockable door
• Easy maintenance with hot-swappable and changeable fan filter
• RAID support
• USB 2.0 and 3.0 support




Similar Part No. - 2400064

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2400063 PHOENIX-2400063 Datasheet
389Kb / 12P
Rackmount PC - BL RACKMOUNT 2U
Dec 2, 2022
logo
Toshiba Semiconductor
24000632 TOSHIBA-24000632 Datasheet
2Mb / 54P
COLOR TELEVISION
Jul. 2001
24000632 TOSHIBA-24000632 Datasheet
2Mb / 44P
COLOR TELEVISION
Jun. 2002
24000632 TOSHIBA-24000632 Datasheet
2Mb / 54P
COLOR TELEVISION N1PS Chassis
Jul., 2001
24000632 TOSHIBA-24000632 Datasheet
9Mb / 109P
COLOR TELEVISION N2PS Chassis
Jun. 2002
More results


Similar Description - 2400064

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
PCH-R400M PROTECHSYSTEMS-PCH-R400M Datasheet
110Kb / 1P
4U Rackmount Chassis
PCH-R414 PROTECHSYSTEMS-PCH-R414 Datasheet
643Kb / 1P
4U 14-slot Rackmount Chassis
logo
Axiomtek Co., Ltd.
AX6145 AXIOMTEK-AX6145_16 Datasheet
415Kb / 2P
4U 14-slot Rackmount Chassis
AX6156LE AXIOMTEK-AX6156LE_16 Datasheet
1,006Kb / 2P
4U 14-slot Rackmount Chassis
AX61400 AXIOMTEK-AX61400_16 Datasheet
295Kb / 2P
4U 14-slot Rackmount Chassis
AX6145 AXIOMTEK-AX6145_17 Datasheet
405Kb / 2P
4U Rackmount Chassis
logo
Advantech Co., Ltd.
ACP-4000 ADVANTECH-ACP-4000_17 Datasheet
771Kb / 2P
Quiet 4U Rackmount Chassis
ACP-4320 ADVANTECH-ACP-4320_17 Datasheet
884Kb / 2P
Quiet 4U Rackmount Chassis
IPC-623 ADVANTECH-IPC-623_V02 Datasheet
991Kb / 2P
4U 20-Slot Rackmount Chassis
21-Jun-2021
logo
PHOENIX CONTACT
2400063 PHOENIX-2400063 Datasheet
389Kb / 12P
Rackmount PC - BL RACKMOUNT 2U
Dec 2, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com