Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0638114700 Datasheet (PDF) - Molex Electronics Ltd.

0638114700 Datasheet PDF - Molex Electronics Ltd.
Part # 0638114700
Download  0638114700 Download
File Size   36.54 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for MLX Crimp Terminals, 10-12 AWG

0638114700 Datasheet (PDF)

Go To PDF Page Download Datasheet
0638114700 Datasheet PDF - Molex Electronics Ltd.

Part # 0638114700
Download  0638114700 Click to download

File Size   36.54 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for MLX Crimp Terminals, 10-12 AWG

0638114700 Datasheet (HTML) - Molex Electronics Ltd.


0638114700 Product details

General
Product Family Application Tooling
Series 207129
Comments See Tooling Specification (PDF) Above. Type: 4C
Function Crimp
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information applicationtooling@molex.com
Overview Application Tooling
Product Name N/A
Taxonomy Crimp Presses and Crimp Hand T
Tool Type Hand Crimp Tool
UPC 822350064996
Warranty Disclaimer CAUTION: Molex tooling crimp specifications are
valid only when used with Molex terminals and tooling
manufactured by Molex and sold by Molex or authorized
distributors ("Molex Tooling"). When using tooling
other than Molex Tooling with Molex specific connector
systems listed in our ATS documents, the Molex tooling
qualification does not apply and the responsibility for
full qualification of the connector system is that of the
customer. Molex accepts no liability for connector
performance or tooling support where tooling other
than Molex Tooling is used or where Molex Tooling is
modified.




Similar Part No. - 0638114700

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638114200 MOLEX-0638114200 Datasheet
51Kb / 3P
PremiumGrade Hand Crimp Tool for 2.54mm MX64 Terminals, 18-22 AWG
08/25/2022
0638114400 MOLEX-0638114400 Datasheet
34Kb / 2P
PremiumGrade Hand Crimp Tool for MX150L Terminals, 14-22 AWG
08/26/2022
0638114500 MOLEX-0638114500 Datasheet
30Kb / 1P
Hand Crimp Tool
11/02/2021
0638114600 MOLEX-0638114600 Datasheet
30Kb / 1P
Hand Crimp Tool
11/02/2021
0638114800 MOLEX-0638114800 Datasheet
31Kb / 1P
PremiumGrade Hand Crimp Tool for 1.27mm Commercial Micro D Terminals, 26-28 AWG
08/25/2022
More results


Similar Description - 0638114700

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63811-5300 MOLEX11-63811-5300 Datasheet
42Kb / 1P
Hand Crimp Tool for Crimp Terminals
63819-0100 MOLEX11-63819-0100 Datasheet
45Kb / 1P
Hand Crimp Tool for Crimp Terminals
63819-5400 MOLEX11-63819-5400 Datasheet
38Kb / 1P
Hand Crimp Tool for 10, 12, 14 AWG Power Contact Terminals
63823-3300 MOLEX11-63823-3300 Datasheet
32Kb / 1P
Hand Crimp Tool for Crimp Terminals
0638116700 MOLEX-0638116700 Datasheet
34Kb / 1P
Hand Crimp Tool for Crimp Terminals
11/02/2021
63811-6800 MOLEX-63811-6800 Datasheet
300Kb / 6P
Hand Crimp Tool for MLX??Pin and Socket Crimp Terminals
03-28-08
0638115400 MOLEX-0638115400 Datasheet
38Kb / 2P
Hand Crimp Tool for Crimp Terminals
11/02/2021
0638195400 MOLEX-0638195400 Datasheet
41Kb / 2P
Hand Crimp Tool for 10, 12, 14 AWG Power Contact Terminals
11/02/2021
0638199500 MOLEX-0638199500 Datasheet
40Kb / 1P
Hand Crimp Tool for Crimp Terminals
11/02/2021
0638253100 MOLEX-0638253100 Datasheet
33Kb / 1P
Hand Crimp Tool for Crimp Terminals
11/02/2021
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com