Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL27WZ16DFT2G Datasheet (PDF) - ON Semiconductor

NL27WZ16DFT2G Datasheet PDF - ON Semiconductor
Part # NL27WZ16DFT2G
Download  NL27WZ16DFT2G Download
File Size   480.78 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual Buffer

NL27WZ16DFT2G Datasheet (PDF)

Go To PDF Page Download Datasheet
NL27WZ16DFT2G Datasheet PDF - ON Semiconductor

Part # NL27WZ16DFT2G
Download  NL27WZ16DFT2G Click to download

File Size   480.78 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual Buffer

NL27WZ16DFT2G Datasheet (HTML) - ON Semiconductor


NL27WZ16DFT2G Product details

The NL27WZ16 is a high performance dual buffer operating from a
1.65 V to 5.5 V Supply.

Features
• Designed for 1.65 V to 5.5 V VCC Operation
• 2.4 ns tPD at VCC = 5 V (Typ)
• Inputs/Outputs Overvoltage Tolerant up to 5.5 V
• IOFF Supports Partial Power Down Protection
• Sink 32 mA at 4.5 V
• Available in SC−88, SC−74, TSOP−6 and UDFN6 Packages
• Chip Complexity < 100 FETs
• NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant




Similar Part No. - NL27WZ16DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZ16DFT2G ONSEMI-NL27WZ16DFT2G Datasheet
76Kb / 6P
Dual Buffer
February, 2007 ??Rev. 5
NL27WZ16DFT2G ONSEMI-NL27WZ16DFT2G Datasheet
116Kb / 6P
Dual Buffer
May, 2012 ??Rev. 9
More results


Similar Description - NL27WZ16DFT2G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7W126FU TOSHIBA-TC7W126FU Datasheet
188Kb / 4P
DUAL BUS BUFFER
logo
ON Semiconductor
NL27WZ16 ONSEMI-NL27WZ16 Datasheet
59Kb / 6P
Dual Buffer
March, 2004 ??Rev. 2
logo
Renesas Technology Corp
HD74LV1GW16A RENESAS-HD74LV1GW16A Datasheet
74Kb / 9P
DUAL BUFFER
logo
ON Semiconductor
NL27WZ16 ONSEMI-NL27WZ16_07 Datasheet
76Kb / 6P
Dual Buffer
February, 2007 ??Rev. 5
logo
Renesas Technology Corp
HD74LV1GW16A RENESAS-HD74LV1GW16A_06 Datasheet
85Kb / 6P
Dual Buffer
logo
ON Semiconductor
NLX2G16 ONSEMI-NLX2G16 Datasheet
92Kb / 7P
Dual Buffer
March, 2008 - Rev. 0
logo
Diodes Incorporated
74LVC2G34 DIODES-74LVC2G34 Datasheet
245Kb / 10P
DUAL BUFFER
Rev 3
logo
ON Semiconductor
NL27WZ16 ONSEMI-NL27WZ16_12 Datasheet
116Kb / 6P
Dual Buffer
May, 2012 ??Rev. 9
logo
Renesas Technology Corp
HD74LV1GW16A RENESAS-HD74LV1GW16A_15 Datasheet
156Kb / 7P
Dual Buffer
logo
ON Semiconductor
NLX2G16 ONSEMI-NLX2G16_16 Datasheet
77Kb / 7P
Dual Buffer
June, 2016 ??Rev. 7
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com