Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1044029 Datasheet (PDF) - PHOENIX CONTACT

1044029 Datasheet PDF - PHOENIX CONTACT
Part # 1044029
Download  1044029 Download
File Size   693.82 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Industrial Ethernet Switch - FL SWITCH 2216 PN

1044029 Datasheet (PDF)

Go To PDF Page Download Datasheet
1044029 Datasheet PDF - PHOENIX CONTACT

Part # 1044029
Download  1044029 Click to download

File Size   693.82 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Industrial Ethernet Switch - FL SWITCH 2216 PN

1044029 Datasheet (HTML) - PHOENIX CONTACT


1044029 Product details

Managed Switch 2000, 16 RJ45 ports 10/100 Mbps, PROFINET Conformance-Class B,
PROFINET mode preset, PROFINET status LEDs, extended temperature range

Your advantages
• DHCP client, DHCP server (pool-based and port-based), DHCP option 82
• RSTP
• Ambient temperature -40 °C ... 70 °C
• VLANs
• MRP (client and manager)
• Configuration memory
• Web-based management, SNMP
• Easy and fast startup and commissioning with the FL NETWORK MANAGER software
• PROFINET mode preset




Similar Part No. - 1044029

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1044020000 WEIDMULLER-1044020000 Datasheet
631Kb / 7P
BLF 7.62HP/05/180LR SN BK BX
logo
ERNI Electronics
104402000001 ERNI-104402000001 Datasheet
45Kb / 1P
F 2,54 SRC-A, 4-polig BA 2
104402070001 ERNI-104402070001 Datasheet
51Kb / 1P
F 2,54 SRC-A, 5-polig BA 2
logo
PHOENIX CONTACT
1044024 PHOENIX-1044024 Datasheet
667Kb / 21P
Industrial Ethernet Switch - FL SWITCH 2208 PN
Dec 2, 2022
logo
ERNI Electronics
104402780001 ERNI-104402780001 Datasheet
61Kb / 1P
F 2,54 SRC-A, 8-polig BA 2
More results


Similar Description - 1044029

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2891018 PHOENIX-2891018 Datasheet
66Kb / 4P
Industrial Ethernet Switch - FL SWITCH SFN 8TX-PN
2891151 PHOENIX-2891151 Datasheet
58Kb / 3P
Industrial Ethernet Switch - FL SWITCH SFN 5TX-PN
1009220 PHOENIX-1009220 Datasheet
665Kb / 20P
Industrial Ethernet Switch - FL SWITCH 2308 PN
Dec 2, 2022
1089205 PHOENIX-1089205 Datasheet
666Kb / 19P
Industrial Ethernet Switch - FL SWITCH 2516 PN
Dec 2, 2022
1031673 PHOENIX-1031673 Datasheet
694Kb / 20P
Industrial Ethernet Switch - FL SWITCH 2316 PN
Dec 2, 2022
1031683 PHOENIX-1031683 Datasheet
888Kb / 26P
Industrial Ethernet Switch - FL SWITCH 2314-2SFP PN
Dec 2, 2022
1044024 PHOENIX-1044024 Datasheet
667Kb / 21P
Industrial Ethernet Switch - FL SWITCH 2208 PN
Dec 2, 2022
1106610 PHOENIX-1106610 Datasheet
644Kb / 16P
Industrial Ethernet Switch - FL SWITCH 2708 PN
Dec 2, 2022
1106616 PHOENIX-1106616 Datasheet
517Kb / 13P
Industrial Ethernet Switch - FL SWITCH 2608 PN
Dec 2, 2022
2702904 PHOENIX-2702904 Datasheet
693Kb / 20P
Industrial Ethernet Switch - FL SWITCH 2216
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com