Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1044030 Datasheet (PDF) - PHOENIX CONTACT

1044030 Datasheet PDF - PHOENIX CONTACT
Part # 1044030
Download  1044030 Download
File Size   994.15 Kbytes
Page   30 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Industrial Ethernet Switch - FL SWITCH 2214-2SFXPN

1044030 Datasheet (PDF)

Go To PDF Page Download Datasheet
1044030 Datasheet PDF - PHOENIX CONTACT

Part # 1044030
Download  1044030 Click to download

File Size   994.15 Kbytes
Page   30 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Industrial Ethernet Switch - FL SWITCH 2214-2SFXPN

1044030 Datasheet (HTML) - PHOENIX CONTACT


1044030 Product details

Managed Switch 2000, 14 RJ45 ports 10/100 Mbps, 2 SFP ports 100 Mbps, PROFINET
Conformance-Class B, PROFINET mode preset, PROFINET status LEDs, extended temperature
range

Your advantages
• MRP (client and manager)
• VLANs
• DHCP client, DHCP server (pool-based and port-based), DHCP option 82
• RSTP
• Ambient temperature -40 °C ... 70 °C
• Web-based management, SNMP
• Configuration memory
• Easy and fast startup and commissioning with the FL NETWORK MANAGER software
• PROFINET mode preset




Similar Part No. - 1044030

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
104403880001 ERNI-104403880001 Datasheet
56Kb / 1P
M 2,54 SRC-A, 4-polig
More results


Similar Description - 1044030

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702905 PHOENIX-2702905 Datasheet
334Kb / 14P
Industrial Ethernet Switch - FL SWITCH 2214-2FX
1085039 PHOENIX-1085039 Datasheet
274Kb / 8P
Industrial Ethernet Switch - FL SWITCH 1005N
1085243 PHOENIX-1085243 Datasheet
261Kb / 8P
Industrial Ethernet Switch - FL SWITCH 1108N
2702326 PHOENIX-2702326 Datasheet
236Kb / 10P
Industrial Ethernet Switch - FL SWITCH 2205
2702666 PHOENIX-2702666 Datasheet
228Kb / 10P
Industrial Ethernet Switch - FL SWITCH 2108
1085165 PHOENIX-1085165 Datasheet
409Kb / 14P
Industrial Ethernet Switch - FL SWITCH 1008NT
Nov 16, 2022
1006188 PHOENIX-1006188 Datasheet
748Kb / 21P
Industrial Ethernet Switch - FL SWITCH 2214-2SFX
Dec 2, 2022
1044028 PHOENIX-1044028 Datasheet
965Kb / 30P
Industrial Ethernet Switch - FL SWITCH 2206-2SFXPN
Dec 2, 2022
2891032 PHOENIX-2891032 Datasheet
459Kb / 14P
Industrial Ethernet Switch - FL SWITCH 3005T
Dec 2, 2022
2702906 PHOENIX-2702906 Datasheet
791Kb / 24P
Industrial Ethernet Switch - FL SWITCH 2214-2FX SM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com