Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2701450 Datasheet (PDF) - PHOENIX CONTACT

2701450 Datasheet PDF - PHOENIX CONTACT
Part # 2701450
Download  2701450 Download
File Size   732.88 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Digital module - AXL F DI64/1 2F

2701450 Datasheet (PDF)

Go To PDF Page Download Datasheet
2701450 Datasheet PDF - PHOENIX CONTACT

Part # 2701450
Download  2701450 Click to download

File Size   732.88 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Digital module - AXL F DI64/1 2F

2701450 Datasheet (HTML) - PHOENIX CONTACT


2701450 Product details

Axioline F, Digital input module, Digital inputs: 64, 24 V DC, connection technology: 1-conductor,
transmission speed in the local bus: 100 Mbps, degree of protection: IP20, including bus base
module and Axioline F connectors

Product Description
The module is designed for use within an Axioline F station. It is used to acquire digital signals. You can adjust the filter times of the inputs to
increase noise immunity. Filter times of 100 μs enable you to implement a counter function with a maximum input frequency of 5 kHz in the application.

Your advantages
• 64 digital inputs in accordance with EN 61131-2 type 1 and type 3
• 24 V DC, 2.4 mA
• Connection of sensors in 1-conductor technology
• Minimum update time of < 100 μs
• Filter times can be adjusted in three increments: < 100 μs, 1000 μs or 3000 μs
• Maximum input frequency: 5 kHz
• Device rating plate stored




Similar Part No. - 2701450

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2701452 PHOENIX-2701452 Datasheet
73Kb / 7P
Touch panel - TP 07T/M 211
2701453 PHOENIX-2701453 Datasheet
54Kb / 2P
Software - VL PORTICO SERVER 1 CLIENT
2701454 PHOENIX-2701454 Datasheet
48Kb / 1P
User manual - UM EN NLC-050
2701455 PHOENIX-2701455 Datasheet
55Kb / 2P
Software - VL PORTICO SERVER 4 CLIENT
2701456 PHOENIX-2701456 Datasheet
55Kb / 2P
Software - VL PORTICO SERVER 16 CLIENT
More results


Similar Description - 2701450

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2701728 PHOENIX-2701728 Datasheet
52Kb / 2P
Axioline F connector set (for e.g., AXL F DI64/1 2F)
8566 PHOENIX-8566 Datasheet
215Kb / 13P
AXL F DI64/1 2F
1004925 PHOENIX-1004925 Datasheet
489Kb / 11P
I/O module - AXL F DO32/1 2H
12/24/2021
2701722 PHOENIX-2701722 Datasheet
385Kb / 9P
I/O module - AXL F DI16/1 HS 1H
12/24/2021
2701916 PHOENIX-2701916 Datasheet
436Kb / 11P
I/O module - AXL F DI8/1 DO8/1 1H
12/24/2021
1027843 PHOENIX-1027843 Datasheet
599Kb / 11P
Communication module - AXL F IOL8 2H
Dec 7, 2022
1052427 PHOENIX-1052427 Datasheet
539Kb / 11P
Digital module - AXL F DI16 NAM XC 1F
Dec 7, 2022
1088129 PHOENIX-1088129 Datasheet
494Kb / 20P
Digital module - AXL SE DO16/1
Dec 8, 2022
2702654 PHOENIX-2702654 Datasheet
523Kb / 11P
Digital module - AXL F DI8/2 48/60DC 1F
Dec 7, 2022
1052423 PHOENIX-1052423 Datasheet
603Kb / 13P
Digital module - AXL F EX IS DI16 NAM XC 1F
Dec 30, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com