Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GVXO-41 Datasheet (PDF) - Golledge Electronics Ltd

GVXO-41 Datasheet PDF - Golledge Electronics Ltd
Part # GVXO-41
Download  GVXO-41 Download
File Size   63.98 Kbytes
Page   1 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 5V VCXO

GVXO-41 Datasheet (PDF)

Go To PDF Page Download Datasheet
GVXO-41 Datasheet PDF - Golledge Electronics Ltd

Part # GVXO-41
Download  GVXO-41 Click to download

File Size   63.98 Kbytes
Page   1 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 5V VCXO

GVXO-41 Datasheet (HTML) - Golledge Electronics Ltd


GVXO-41 Product details

Features
➠ 5.0V supply
➠ Low cost for volume applications
➠ Choice of pullability & stability
➠ Express deliveries for non-standard items
➠ Industrial temperature range option




Similar Part No. - GVXO-41

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GVXO-41F GOLLEDGE-GVXO-41F Datasheet
133Kb / 1P
5V VCXO
GVXO-41F GOLLEDGE-GVXO-41F Datasheet
550Kb / 4P
5V voltage controlled oscillator - 14 pin DIL package
GVXO-41F/SC GOLLEDGE-GVXO-41F/SC Datasheet
133Kb / 1P
5V VCXO
GVXO-41H GOLLEDGE-GVXO-41H Datasheet
133Kb / 1P
5V VCXO
GVXO-41H GOLLEDGE-GVXO-41H Datasheet
547Kb / 4P
5V VCXO in half size 8 pin DIL package
More results


Similar Description - GVXO-41

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GVXO55 GOLLEDGE-GVXO55 Datasheet
62Kb / 1P
5V VCXO
GVXO34 GOLLEDGE-GVXO34 Datasheet
69Kb / 1P
3.3V & 5V VCXO
GVXO36 GOLLEDGE-GVXO36 Datasheet
68Kb / 1P
5V VCXO High Frequency
GVXO42 GOLLEDGE-GVXO42 Datasheet
61Kb / 1P
5V VCXO High Frequency
GVXO755 GOLLEDGE-GVXO755 Datasheet
94Kb / 2P
5V SM VCXO
GVXO-41 GOLLEDGE-GVXO-41_16 Datasheet
133Kb / 1P
5V VCXO
GVXO-42F GOLLEDGE-GVXO-42F_16 Datasheet
136Kb / 1P
5V VCXO - High Frequency
GVXO-34S GOLLEDGE-GVXO-34S Datasheet
575Kb / 5P
5V VCXO - Complementary PECL
GVXO-36 GOLLEDGE-GVXO-36 Datasheet
563Kb / 4P
5V VCXO - High Frequency
GVXO-25 GOLLEDGE-GVXO-25 Datasheet
541Kb / 4P
5V High Performance VCXO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com