Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1171X Datasheet (PDF) - Nisshinbo Micro Devices Inc.

R1171X Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # R1171X
Download  R1171X Download
File Size   661.7 Kbytes
Page   24 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 2.0A/1.5A LDO REGULATOR

R1171X Datasheet (PDF)

Go To PDF Page Download Datasheet
R1171X Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # R1171X
Download  R1171X Click to download

File Size   661.7 Kbytes
Page   24 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 2.0A/1.5A LDO REGULATOR

R1171X Datasheet (HTML) - Nisshinbo Micro Devices Inc.


R1171X Product details

FEATURES
• Supply Current ............................................................. Typ. 130μA
• Standby Current ........................................................... Typ. 0.1μA
• Output Current ............................................................. Min. 1.5A (VIN=VOUT+1.0V, R1171Sxx1A/B)
Min. 2.0A (VIN=VOUT+1.0V, R1171Jxx1C/D)
• Input Voltage ................................................................ 2.1V to 6.0V
• Output Voltage ............................................................. 1.5V to 5.0V (0.1V steps) (R1171Sxx1A/B)
1.8V to 5.0V (0.1V steps) (R1171Jxx1C/D)
(For other voltages, please refer to MARK INFORMATIONS.)
• Output Voltage Accuracy .............................................. ± 2.0%
• Dropout Voltage ........................................................... Typ. 0.09V (VOUT=3.0V, IOUT=300mA)
• Temperature-drift Coefficient of Output Voltage ........... Typ. ± 100ppm/°C
• Line Regulation ............................................................ Typ. 0.05%/V
• Packages ..................................................................... HSOP-6J, TO-252-5-P1
• Built-in Current Limit Circuit
• Built-in Thermal Shutdown Circuit
• Ceramic capacitor for phase compensation ................ CIN=COUT=Ceramic 10μF (VOUT<1.8V)
CIN=COUT=Ceramic 4.7μF (VOUT =>
1.8V)




Similar Part No. - R1171X

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1171 RICOH-R1171 Datasheet
451Kb / 24P
2.0A/1.5A LDO REGULATOR
April 1, 2012
logo
Hamamatsu Corporation
R11715-01 HAMAMATSU-R11715-01_15 Datasheet
112Kb / 2P
28 mm (1-1/8 Inch) Diameter, 9-stage, Side-on Type Low Noise Bialkali Photocathode UV Glass, With a Peltier Device Thermistor, and Insulation Cover Case Attached
logo
List of Unclassifed Man...
R117152807 ETC2-R117152807 Datasheet
57Kb / 2P
RIGHT ANGLE PLUG SOLDER TPYE CABLE . 085
logo
RICOH electronics devic...
R1171J151C-T1-F RICOH-R1171J151C-T1-F Datasheet
451Kb / 24P
2.0A/1.5A LDO REGULATOR
April 1, 2012
R1171J151D-T1-F RICOH-R1171J151D-T1-F Datasheet
451Kb / 24P
2.0A/1.5A LDO REGULATOR
April 1, 2012
More results


Similar Description - R1171X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1654 FAIRCHILD-FAN1654 Datasheet
80Kb / 7P
1.5A LDO, DDR Bus Termination Regulator
logo
Micrel Semiconductor
MIC37139 MICREL-MIC37139 Datasheet
156Kb / 10P
1.5A, LOW VOLTAGE UCAP LDO REGULATOR
logo
List of Unclassifed Man...
SE5120 ETC1-SE5120 Datasheet
120Kb / 2P
1.5A CMOS Super LDO Voltage Regulator
logo
RICOH electronics devic...
R1171S151A RICOH-R1171S151A Datasheet
838Kb / 28P
2.0A/1.5A LDO REGULATOR
logo
Rohm
BD00HC5MEFJ-LB ROHM-BD00HC5MEFJ-LB Datasheet
905Kb / 24P
1.5A Variable Output Industrial LDO Regulator
logo
Unisonic Technologies
UR1171 UTC-UR1171 Datasheet
173Kb / 5P
1.5A LDO REGULATOR
logo
Seaward Electronics Inc...
SE5120 SEAWARD-SE5120 Datasheet
274Kb / 9P
1.5A CMOS Ultra LDO Voltage Regulator
logo
RICOH electronics devic...
R1171 RICOH-R1171 Datasheet
451Kb / 24P
2.0A/1.5A LDO REGULATOR
April 1, 2012
logo
Nisshinbo Micro Devices...
R1171S NISSHINBO-R1171S Datasheet
691Kb / 26P
1.5A LDO REGULATOR FOR AUTOMOTIVE APPLICATIONS
logo
Rohm
BDXXHC5MEFJ-M ROHM-BDXXHC5MEFJ-M Datasheet
1Mb / 24P
Automotive 1.5A Variable Output LDO Regulator
2021.10.11 Rev.002
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com