Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRB Datasheet (PDF) - Littelfuse

TRB Datasheet PDF - Littelfuse
Part # TRB
Download  TRB Download
File Size   355.51 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Time Delay Relays / DEDICATED - DELAY-ON-BREAK

TRB Datasheet (PDF)

Go To PDF Page Download Datasheet
TRB Datasheet PDF - Littelfuse

Part # TRB
Download  TRB Click to download

File Size   355.51 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Time Delay Relays / DEDICATED - DELAY-ON-BREAK

TRB Datasheet (HTML) - Littelfuse


TRB Product details

Description
The TRB series combines an isolated, 8 A electromechanical
relay output with digital timing circuitry. False trigger of
the TRB by a transient is unlikely because of the complete
isolation of the circuit from the line prior to initiation. The
initiate contact is common to one side of the line and may be
utilized to operate other loads. Installation is easy due to the
TRB’s industry standard 8- or 11-pin plug-in base wiring.
Operation (Delay-on-Break)
Input voltage must be applied before and during timing. Upon
closure of the initiate switch, the output relay energizes. The
time delay begins when the initiate switch is opened (trailing
edge triggered). The output remains energized during timing.
At the end of the time delay, the output de-energizes. The
output will energize if the initiate switch is closed when input
voltage is applied.
Reset: Reclosing the initiate switch during timing resets the
time delay. Loss of input voltage resets the time delay and
output.

FEATURES BENEFITS
Complete isolation of
circuit from line No false trip due to transients
Industry standard 8 or
11-pin connection
Provides easy installation and field
replacement
Isolated, 8 A, SPDT or
DPDT output contacts
Allows control of loads with independent
voltage sources
Digital circuitry Repeat accuracy +/- 2 %




Similar Part No. - TRB

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
TRB10-103 RCD-TRB10-103 Datasheet
44Kb / 1P
RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRB10-104 RCD-TRB10-104 Datasheet
44Kb / 1P
RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRB10-105 RCD-TRB10-105 Datasheet
44Kb / 1P
RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRB10-106 RCD-TRB10-106 Datasheet
44Kb / 1P
RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRB10-107 RCD-TRB10-107 Datasheet
44Kb / 1P
RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
More results


Similar Description - TRB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
HRPS LITTELFUSE-HRPS Datasheet
573Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
KRDB LITTELFUSE-KRDB Datasheet
524Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
KSDB LITTELFUSE-KSDB Datasheet
514Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
ORB LITTELFUSE-ORB Datasheet
455Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TSDB LITTELFUSE-TSDB Datasheet
514Kb / 2P
Time Delay Relays - Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TH1 LITTELFUSE-TH1 Datasheet
437Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
THDB LITTELFUSE-THDB Datasheet
403Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TMV8000 LITTELFUSE-TMV8000 Datasheet
565Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-B-100416
TS1 LITTELFUSE-TS1 Datasheet
574Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062116
TS441165 LITTELFUSE-TS441165 Datasheet
730Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make, Normally Closed
2016 Rev: 1-A-062216
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com