Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1618-35 Datasheet (PDF) - GHz Technology

1618-35 Datasheet PDF - GHz Technology
Part # 1618-35
Download  1618-35 Download
File Size   292.18 Kbytes
Page   3 Pages
Manufacturer  GHZTECH [GHz Technology]
Direct Link  http://www.microsemi.com/
Logo GHZTECH - GHz Technology
Description 35 Watt - 28 Volts, Class C Microwave 1600 - 1800 MHz

1618-35 Datasheet (PDF)

Go To PDF Page Download Datasheet
1618-35 Datasheet PDF - GHz Technology

Part # 1618-35
Download  1618-35 Click to download

File Size   292.18 Kbytes
Page   3 Pages
Manufacturer  GHZTECH [GHz Technology]
Direct Link  http://www.microsemi.com/
Logo GHZTECH - GHz Technology
Description 35 Watt - 28 Volts, Class C Microwave 1600 - 1800 MHz

1618-35 Datasheet (HTML) - GHz Technology


1618-35 Product details

GENERAL DESCRIPTION

The 1618-35 is a COMMON BASE transistor capable of providing 35 Watts of Class C, RF output power over the band 1600-1800 MHz. This transistor is designed for Microwave Broadband Class C amplifier applications. It includes Input and Output prematching and utilizes Gold metalization and diffused ballasting to provide high reliability and supreme ruggedness. The transistor uses a fully hermetic High Temperature Solder sealed package.



ABSOLUTE MAXIMUM RATINGS

Maximum Power Dissipation @ 25°C             135 Watts



Maximum Voltage and Current

BVces Collector to Emitter Voltage           45 Volts

BVebo Emitter to Base Voltage                3.5 Volts

Ic Collector Current                         12 A



Maximum Temperatures

Storage Temperature                          - 65°C to + 200 °C

Operating Junction Temperature               + 200 °C



 




Similar Part No. - 1618-35

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1618-D16-T UTC-1618-D16-T Datasheet
150Kb / 5P
6 KEYS SIREN/ALARM SOUND GENERATOR
More results


Similar Description - 1618-35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1014-12 ETC1-1014-12 Datasheet
96Kb / 2P
12 Watt - 28 Volts, Class C Microwave 1000 - 1400 MHz
logo
GHz Technology
1719-20 GHZTECH-1719-20 Datasheet
183Kb / 2P
20 Watt - 28 Volts, Class C Microwave 1700 - 1900 MHz
1719-35 GHZTECH-1719-35 Datasheet
229Kb / 2P
35 Watt - 28 Volts, Class C Microwave 1725 - 1850 MHz
1819-35 GHZTECH-1819-35 Datasheet
206Kb / 2P
35 Watt - 28 Volts, Class C Microwave 1750 - 1850 MHz
2001 GHZTECH-2001 Datasheet
208Kb / 4P
1.0 Watt - 28 Volts, Class C Microwave 2000 MHz
2005 GHZTECH-2005 Datasheet
166Kb / 3P
5.0 Watt - 28 Volts, Class C Microwave 2000 MHz
2010 GHZTECH-2010 Datasheet
277Kb / 3P
10 Watt - 28 Volts, Class C Microwave 2000 MHz
3003 GHZTECH-3003 Datasheet
234Kb / 4P
3 Watts - 28 Volts, Class C Microwave 3000 MHz
3001 GHZTECH-3001 Datasheet
213Kb / 4P
1 Watt - 28 Volts, Class C Microwave 3000 MHz
logo
Microsemi Corporation
1014-2 MICROSEMI-1014-2 Datasheet
37Kb / 1P
2 Watt - 28 Volts, Class C Microwave 1000 - 1400 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com