Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

224919C Datasheet (PDF) - Alpha Wire

224919C Datasheet PDF - Alpha Wire
Part # 224919C
Download  224919C Download
File Size   98.75 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer SpecificationS

224919C Datasheet (PDF)

Go To PDF Page Download Datasheet
224919C Datasheet PDF - Alpha Wire

Part # 224919C
Download  224919C Click to download

File Size   98.75 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer SpecificationS

224919C Datasheet (HTML) - Alpha Wire


224919C Product details

Construction
Diameters (In)
1) Component 1 19 X 1 PAIR
a) Conductor 18 (16/30) AWG Tinned Copper 0.047
b) Insulation 0.016" Wall, Nom. PVC 0.079
(1) Color Code Alpha Wire Color Code A
Pair Color Pair Color Pair Color
1 BLACK-RED 8 RED-GREEN 15 GREEN-WHITE
2 BLACK-WHITE 9 RED-WHITE 16 GREEN-BROWN
3 BLACK-GREEN 10 RED-BLUE 17
GREENORANGE
4 BLACK-BLUE 11 RED-YELLOW 18
GREENYELLOW
5 BLACK-BROWN 12 RED-BROWN 19 WHITE-BLUE
6 BLACK-YELLOW 13 RED-ORANGE
7
BLACKORANGE
14 GREEN-BLUE
c) Pair 2/Cond Cabled Together
(1) Twists: 5.3 Twists/foot (min)
2) Cable Assembly 19 Components Cabled
a) Twists: 1.3 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
3) Shield: Alum/Mylar Tape, 25% Overlap, Min.
a) Foil Direction Foil Facing Out
b) Drain Wire 20 (10/30) AWG Tinned Copper
4) Jacket 0.070" Wall, Nom.,PVC 0.792 (0.822 Max.)
a) Color(s) SLATE
b) Print
ALPHA WIRE-* P/N 2249/19C 19PR 18 AWG
SHIELDED 75C (UL) TYPE CM OR AWM 2464 OR C(UL)
75C TYPE CMG FT4 CE ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of
manufacture.]




Similar Part No. - 224919C

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
224919 ERNI-224919 Datasheet
67Kb / 1P
M 2,54 SRC-A, 3-polig
More results


Similar Description - 224919C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
FIT-260-18 ALPHAWIRE-FIT-260-18_V01 Datasheet
99Kb / 4P
Customer Specifications
8/30/2022
PIF-130-0 ALPHAWIRE-PIF-130-0 Datasheet
98Kb / 4P
Customer Specifications
8/30/2022
1239 ALPHAWIRE-1239 Datasheet
95Kb / 3P
Customer Specifications
9/8/2022
AF-155-1 ALPHAWIRE-AF-155-1_V01 Datasheet
102Kb / 4P
Customer Specifications
9/8/2022
GRP-130-18 ALPHAWIRE-GRP-130-18_V01 Datasheet
98Kb / 4P
Customer Specifications
9/8/2022
FIT-400-2 ALPHAWIRE-FIT-400-2_V01 Datasheet
98Kb / 4P
Customer SpecificationS
9/14/2022
GRP-110NF18 ALPHAWIRE-GRP-110NF18 Datasheet
98Kb / 4P
Customer SpecificationS
9/8/2022
TFT-200-8 ALPHAWIRE-TFT-200-8 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
2144 ALPHAWIRE-2144 Datasheet
96Kb / 3P
Customer Specifications
9/14/2022
TFT-200-6 ALPHAWIRE-TFT-200-6 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com