Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

454402 Datasheet (PDF) - Alpha Wire

454402 Datasheet PDF - Alpha Wire
Part # 454402
Download  454402 Download
File Size   98.71 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

454402 Datasheet (PDF)

Go To PDF Page Download Datasheet
454402 Datasheet PDF - Alpha Wire

Part # 454402
Download  454402 Click to download

File Size   98.71 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

454402 Datasheet (HTML) - Alpha Wire


454402 Product details

Construction
Diameters (In)
1) Component 1 2 X 1 COND
a) Conductor 16 (19/.0117) AWG Tinned Copper 0.059
b) Insulation 0.032" Wall, Nom. TPE 0.123
(1) Color Code Alpha Wire Color Code E
Cond Color Cond Color Cond Color
1 BLACK 2 BROWN
2) Cable Assembly 2 Components Cabled
a) Twists: 3.4 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap
Nonwoven Polyester Tape, 25%
Overlap, Min.
3) Shield: Alum/Mylar Tape, 25% Overlap, Min.
a) Foil Direction Foil Facing In
b) Drain Wire 16 (19/.0117) AWG Tinned Copper
4) Jacket 0.055" Wall, Nom.,TPE 0.364 (0.382 Max.)
a) Color(s) Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige, White
b) Ripcord 1 End 810 Denier Nylon
c) Print
ALPHA WIRE-* P/N 45440/2 2C 16 AWG
XTRAGUARD(R) 4 E324185 (UL) TYPE WTTC 90C DRY
1000V OR (UL) TYPE TC 90C DRY 600V SUN RES OR
AWM 20328 105C 600V 16 AWG OR CRU AWM I/II A/B
125C 600V FT1 P-07-KA140023-MSHA
CE ROHS (SEQ FOOTAGE)
* = Factory Code




Similar Part No. - 454402

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
45440-3 ALPHAWIRE-45440-3 Datasheet
395Kb / 4P
16 (19/.0117) AWG Tinned Copper
45440-5 ALPHAWIRE-45440-5 Datasheet
395Kb / 4P
16 (19/.0117) AWG Tinned Copper
45440-7 ALPHAWIRE-45440-7 Datasheet
395Kb / 4P
16 (19/.0117) AWG Tinned Copper
45440-9 ALPHAWIRE-45440-9 Datasheet
395Kb / 4P
16 (19/.0117) AWG Tinned Copper
45440/12 ALPHAWIRE-45440/12 Datasheet
100Kb / 4P
Customer Specification
8/29/2022
More results


Similar Description - 454402

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com