Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJS6415A-AU Datasheet (PDF) - Pan Jit International Inc.

PJS6415A-AU Datasheet PDF - Pan Jit International Inc.
Part # PJS6415A-AU
Download  PJS6415A-AU Download
File Size   381.32 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 20V P-Channel Enhancement Mode MOSFET

PJS6415A-AU Datasheet (PDF)

Go To PDF Page Download Datasheet
PJS6415A-AU Datasheet PDF - Pan Jit International Inc.

Part # PJS6415A-AU
Download  PJS6415A-AU Click to download

File Size   381.32 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 20V P-Channel Enhancement Mode MOSFET

PJS6415A-AU Datasheet (HTML) - Pan Jit International Inc.


PJS6415A-AU Product details

Features
 RDS(ON), VGS@-4.5V, ID@-5.2A<48mΩ
 RDS(ON), VGS@-2.5V, ID@-3.0A<60mΩ
 RDS(ON), VGS@-1.8V, ID@-1.5A<88mΩ
 Advanced Trench Process Technology
 Specially Designed for Switch Load, PWM Application, etc
 AEC-Q101 qualified
 Lead free in compliance with EU RoHS 2.0
 Green molding compound as per IEC 61249 standard
Mechanical Data
 Case : SOT-23 6L Package
 Terminals : Solderable per MIL-STD-750, Method 2026
 Approx. Weight : 0.0005 ounces, 0.0142 grams




Similar Part No. - PJS6415A-AU

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJS6415A PANJIT-PJS6415A Datasheet
379Kb / 6P
20V P-Channel Enhancement Mode MOSFET
January 20,2022 PJS6415A-REV.02
PJS6415AE PANJIT-PJS6415AE Datasheet
309Kb / 6P
20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJS6415A_S1_00001 PANJIT-PJS6415A_S1_00001 Datasheet
379Kb / 6P
20V P-Channel Enhancement Mode MOSFET
January 20,2022 PJS6415A-REV.02
PJS6415A_S2_00001 PANJIT-PJS6415A_S2_00001 Datasheet
379Kb / 6P
20V P-Channel Enhancement Mode MOSFET
January 20,2022 PJS6415A-REV.02
More results


Similar Description - PJS6415A-AU

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
20V P-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP21D0UT DIODES-DMP21D0UT_15 Datasheet
170Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP22D4UFA DIODES-DMP22D4UFA_15 Datasheet
159Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Pan Jit International I...
PJA3415 PANJIT-PJA3415 Datasheet
227Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJA3415A PANJIT-PJA3415A Datasheet
298Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJS6415 PANJIT-PJS6415 Datasheet
297Kb / 6P
20V P-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com