Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5082-3306 Datasheet (PDF) - Advanced Semiconductor

5082-3306 Datasheet PDF - Advanced Semiconductor
Part # 5082-3306
Download  5082-3306 Download
File Size   16.12 Kbytes
Page   1 Pages
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor
Description FAST SWITCHING SILICON PIN DIODE

5082-3306 Datasheet (PDF)

Go To PDF Page Download Datasheet
5082-3306 Datasheet PDF - Advanced Semiconductor

Part # 5082-3306
Download  5082-3306 Click to download

File Size   16.12 Kbytes
Page   1 Pages
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor
Description FAST SWITCHING SILICON PIN DIODE

5082-3306 Datasheet (HTML) - Advanced Semiconductor


5082-3306 Product details

DESCRIPTION:
The ASI 5082-3306 is a passivated silicon PIN diode of mesa construction. Designed for controlling and processing microwave signals up to Ku band.

FEATURES:
• 50 W Peak Pulse Power
• Switching time < 5 nS
• Heat Sink Cathode




Similar Part No. - 5082-3306

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-331A-GG000 HP-5082-331A-GG000 Datasheet
88Kb / 14P
7.62 mm (0.3 inch) General Purpose Seven-Segment Display
5082-331A-GH000 HP-5082-331A-GH000 Datasheet
88Kb / 14P
7.62 mm (0.3 inch) General Purpose Seven-Segment Display
5082-331A-GI000 HP-5082-331A-GI000 Datasheet
88Kb / 14P
7.62 mm (0.3 inch) General Purpose Seven-Segment Display
5082-331A-GJ000 HP-5082-331A-GJ000 Datasheet
88Kb / 14P
7.62 mm (0.3 inch) General Purpose Seven-Segment Display
5082-331A-GK000 HP-5082-331A-GK000 Datasheet
88Kb / 14P
7.62 mm (0.3 inch) General Purpose Seven-Segment Display
More results


Similar Description - 5082-3306

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPN3404 ONSEMI-MPN3404 Datasheet
32Kb / 4P
SILICON PIN SWITCHING DIODE
November, 2001 ??Rev. 2
logo
Siemens Semiconductor G...
BXY42BA-3 SIEMENS-BXY42BA-3 Datasheet
17Kb / 2P
Silicon PIN Diode (Fast switching In stripline package other lead configurations available)
BXY42BA-5 SIEMENS-BXY42BA-5 Datasheet
28Kb / 2P
Silicon PIN Diode (Fast switching Coax package)
BXY42BA-6 SIEMENS-BXY42BA-6 Datasheet
31Kb / 2P
Silicon PIN Diode (Fast switching Coax package)
BXY42BA-7 SIEMENS-BXY42BA-7 Datasheet
29Kb / 2P
Silicon PIN Diode (Fast switching)
BXY42BA-S SIEMENS-BXY42BA-S Datasheet
28Kb / 3P
Silicon PIN Diodes (Beam lead version Fast switching)
logo
Advanced Semiconductor
MA47080-30 ASI-MA47080-30 Datasheet
11Kb / 1P
SILICON PIN SWITCHING DIODE
5082-3042 ASI-5082-3042 Datasheet
19Kb / 1P
FAST SWITCHING PIN DIODE
MA47268 ASI-MA47268 Datasheet
21Kb / 1P
SILICON PIN SWITCHING DIODE
logo
AiT Semiconductor Inc.
L4148 AITSEMI-L4148 Datasheet
627Kb / 6P
FAST SWITCHING DIODES SILICON EPITAXIAL PLANAR SWITCHING DIODE
REV1.3
More results




About Advanced Semiconductor


Advanced Semiconductor, Inc. (ASI) is a semiconductor company based in South Korea. The company was founded in 1989 and specializes in the design and manufacturing of memory and storage solutions for a variety of applications, including consumer electronics, automotive, and industrial markets.

ASI's product portfolio includes DRAM, SRAM, flash memory, and embedded memory solutions. These products are used in a wide range of devices, including smartphones, tablets, laptops, servers, and automotive infotainment systems.

ASI is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. ASI also offers custom design and engineering services to meet the specific needs of its customers.

ASI has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative memory and storage solutions that meet the evolving needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com