Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6150 Datasheet (PDF) - Littelfuse

SP6150 Datasheet PDF - Littelfuse
Part # SP6150
Download  SP6150 Download
File Size   734.59 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Series 100pF 30kV EMI Filter Array

SP6150 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6150 Datasheet PDF - Littelfuse

Part # SP6150
Download  SP6150 Click to download

File Size   734.59 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Series 100pF 30kV EMI Filter Array

SP6150 Datasheet (HTML) - Littelfuse


SP6150 Product details

Description
The Littelfuse SP6150 SPA series integrates EMI filter
(C-R-C) into SOT23-3 package providing greater than
-25dB attenuation at 400MHz. Additionally, it is capable
of shunting ±30kV ESD strikes (IEC61000-4-2, contact
discharge) away from sensitive electronic components.

Features
• EMI filtering of
frequencies from
400MHz to 3GHz
• ESD, IEC 61000-4-2,
±30kV contact, ±30kV air
• Moisture Sensitivity
Level(MSL -1)
• Lead free and RoHS
compliant

Applications
• Keypad interface for
portable electronics
• LCD and camera display
interfaces for handsets
• Connector interfaces for
portable electronics
• Mobile phone
• Smartphone
• Portable navigation
component




Similar Part No. - SP6150

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6120 SIPEX-SP6120 Datasheet
145Kb / 13P
Low Voltage, AnyFETTM, Synchronous ,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120 SIPEX-SP6120 Datasheet
308Kb / 22P
Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120 SIPEX-SP6120 Datasheet
216Kb / 22P
Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
logo
Exar Corporation
SP6120 EXAR-SP6120 Datasheet
220Kb / 22P
Low Voltage, AnyFETTM, Synchronous,Buck Controller
logo
Sipex Corporation
SP6120B SIPEX-SP6120B Datasheet
304Kb / 22P
Low Voltage, AnyFETTM, Synchronous ,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
More results


Similar Description - SP6150

ManufacturerPart #DatasheetDescription
logo
Protek Devices
EM6D100L PROTEC-EM6D100L Datasheet
88Kb / 4P
EMI FILTER/TVS ARRAY
EMF01-100 PROTEC-EMF01-100 Datasheet
95Kb / 4P
EMI FILTER/TVS ARRAY
EM4DLP-100L PROTEC-EM4DLP-100L Datasheet
74Kb / 4P
EMI FILTER/TVS ARRAY
EM6D-100-4D PROTEC-EM6D-100-4D Datasheet
83Kb / 4P
EMI FILTER/TVS ARRAY
EMIF4-100LFC PROTEC-EMIF4-100LFC_07 Datasheet
88Kb / 5P
EMI FILTER/TVS ARRAY
EMIF6-100LFC PROTEC-EMIF6-100LFC_07 Datasheet
96Kb / 5P
EMI FILTER/TVS ARRAY
EM4D-100L PROTEC-EM4D-100L_11 Datasheet
744Kb / 7P
emi filter/tvs array
logo
Littelfuse
SP6002 LITTELFUSE-SP6002_11 Datasheet
524Kb / 4P
SP6002 Series 15pF 30kV EMI Filter Array
AQ3102 LITTELFUSE-AQ3102 Datasheet
1Mb / 6P
AQ3102 Series, 1pF, ±30kV Diode Array
2020 Littelfuse, Inc.
SP3400 LITTELFUSE-SP3400 Datasheet
717Kb / 5P
1pF, ±30kV Diode Array
2022 Littelfuse, Inc.
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com