Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR05 Datasheet (PDF) - Littelfuse

SR05 Datasheet PDF - Littelfuse
Part # SR05
Download  SR05 Download
File Size   812.76 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SR05 Series 5V 25A Diode Array

SR05 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR05 Datasheet PDF - Littelfuse

Part # SR05
Download  SR05 Click to download

File Size   812.76 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SR05 Series 5V 25A Diode Array

SR05 Datasheet (HTML) - Littelfuse


SR05 Product details

Description
The SR05 consists of four, low capacitance steering diodes
and a low voltage TVS diode that provide protection against
ESD and lightning surge events. Each channel or I/O pin
can safely absorb up to 25A (tp=8/20μs) and repetitive ESD
strikes above the maximum level (Level 4) specified in the
IEC 61000-4-2 international standard without performance
degradation.
The low loading capacitance makes it ideal for protecting
high-speed telecommunication data lines.

Features
• ESD, IEC61000-4-2 ,
±30kV contact discharge,
±30kV air discharge
• EFT, IEC61000-4-4, 80A
(tp=5/50ns)
• Lightning protection,
IEC61000-4-5, 25A
(tp=8/20μs)
• Low capacitance of 6.0pF
(TYP) per I/O
• Low clamp voltage
• Small SOT143 (JEDEC TO-
253) packaging
• Moisture Sensitivity Level
(MSL-1)

Applications
• T1/E1 IC/Secondary
Protection
• Ethernet 10BaseT
• WAN/LAN Equipment
• ISDN S/T Interface
• Video Lines
• Microcontroller Input
Protection




Similar Part No. - SR05

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SR05 SEMTECH-SR05 Datasheet
121Kb / 9P
RailClamp Low Capacitance TVS Diode Array
SR05 SEMTECH-SR05 Datasheet
203Kb / 9P
RailClamp짰 Low Capacitance TVS Diode Array
logo
Diotech Company.
SR05 DIOTECH-SR05 Datasheet
1Mb / 4P
LOW CAPACITANCE TVS ARRAY / ESD ARRAY
logo
Shanghai Leiditech Elec...
SR05 LEIDITECH-SR05 Datasheet
238Kb / 3P
USB 2.0 power and data line
logo
FutureWafer Tech Co.,Lt...
SR05 FUTUREWAFER-SR05 Datasheet
882Kb / 5P
Low Capacitance ESD array
More results


Similar Description - SR05

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
AR25A WTE-AR25A Datasheet
51Kb / 3P
25A AUTOMOTIVE BUTTON DIODE
logo
Shindengen Electric Mfg...
S25VB20 SHINDENGEN-S25VB20 Datasheet
292Kb / 5P
Bridge Diode(200V 25A)
logo
Bourns Electronic Solut...
CD143A-SR05 BOURNS-CD143A-SR05 Datasheet
344Kb / 4P
CD143A-SR05~12 - Steering/TVS Diode Array Series
logo
Won-Top Electronics
AR25A WTE-AR25A_06 Datasheet
68Kb / 3P
25A AUTOMOTIVE BUTTON DIODE
logo
Naina Semiconductor ltd...
1N5829 NAINA-1N5829 Datasheet
123Kb / 2P
Schottky Power Diode, 25A
1N6095 NAINA-1N6095 Datasheet
122Kb / 2P
Schottky Power Diode, 25A
logo
Won-Top Electronics
C25A WTE-C25A_14 Datasheet
31Kb / 2P
25A AUTOMOTIVE CELL DIODE
logo
Littelfuse
SP4021 LITTELFUSE-SP4021 Datasheet
729Kb / 5P
SP4021 Series 2.5pF, 25A Discrete TVS Diode
SRV05-4HTG-D LITTELFUSE-SRV05-4HTG-D Datasheet
1Mb / 5P
SRV05-4HTG-D, 5V 10A TVS Diode Array
SP8008 LITTELFUSE-SP8008 Datasheet
847Kb / 5P
Series Diode Array
2019 Littelfuse, Inc.
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com