Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDM Datasheet (PDF) - Littelfuse

TDM Datasheet PDF - Littelfuse
Part # TDM
Download  TDM Download
File Size   332.1 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Delay-on-Make Timer

TDM Datasheet (PDF)

Go To PDF Page Download Datasheet
TDM Datasheet PDF - Littelfuse

Part # TDM
Download  TDM Click to download

File Size   332.1 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Delay-on-Make Timer

TDM Datasheet (HTML) - Littelfuse


TDM Product details

Description
The TDM/TDMH/TDML series is a delay-on-make timer that
combines accurate digital circuitry with isolated, DPDT relay
contacts in an industry standard 8-pin plug-in package. DIP
switch adjustment allows precise selection of the time delay
over the full time delay range. The TDM/TDMH/TDML series
is the product of choice for custom control panel and OEM
designers.
Operation (Delay-on-Make)
Upon application of input voltage, the time delay begins.
The output is de-energized before and during the time delay.
At the end of the time delay, the output relay energizes and
remains energized until input voltage is removed.
Reset: Removing input voltage resets the time delay and
output.

FEATURES BENEFITS
Wide delay range
(0.1 s to 2.8 h)
User selectable via DIP switches for fine
tuning to individual applications.
Microcontroller based Repeat Accuracy +/- 0.1 %
Dip switch adjustment Provides first time setting accuracy of +/- 2 %
Setting accuracy +/- 2 % Provides flexibility for use in most
applications
LED indication Provides visual indication of time delay status
Isolated 8 A, DPDT
output contacts
Allows control of loads with independent
voltage sources




Similar Part No. - TDM

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
TDM SENSATA-TDM Datasheet
826Kb / 2P
TIRE TREAD DEPTH MONITOR (TDM)
Rev:03/10/22
logo
HALO Electronics, Inc.
TDM-210NELF HALO-TDM-210NELF Datasheet
615Kb / 3P
6 Pin SMD or DIL Isolation Modules
TDM-220NELF HALO-TDM-220NELF Datasheet
615Kb / 3P
6 Pin SMD or DIL Isolation Modules
TDM-230NELF HALO-TDM-230NELF Datasheet
615Kb / 3P
6 Pin SMD or DIL Isolation Modules
TDM-240NELF HALO-TDM-240NELF Datasheet
615Kb / 3P
6 Pin SMD or DIL Isolation Modules
More results


Similar Description - TDM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
HRDM LITTELFUSE-HRDM Datasheet
639Kb / 2P
Delay-on-Make Timer
KRDM LITTELFUSE-KRDM Datasheet
609Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
KSD1 LITTELFUSE-KSD1 Datasheet
502Kb / 2P
Delay-on-Make Timer
2016 Rev: 1-A-062116
KSDU LITTELFUSE-KSDU Datasheet
401Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
KSPS LITTELFUSE-KSPS Datasheet
531Kb / 3P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
ORM LITTELFUSE-ORM Datasheet
460Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
PRLM LITTELFUSE-PRLM Datasheet
269Kb / 2P
DELAY-ON-MAKE
2021 Rev: 1-B-030121
TAC1 LITTELFUSE-TAC1 Datasheet
566Kb / 2P
Delay-on-Make
2016 Rev: 1-A-062316
TDMB LITTELFUSE-TDMB Datasheet
489Kb / 2P
Delay-on-Make/Delay-on-Break
2016 Rev: 1-A-062316
CT1S30 LITTELFUSE-CT1S30 Datasheet
422Kb / 2P
Delay-on-Make/Delay-on-Break Timer
Rev: 1-A-062116
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com