Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28342 Datasheet (PDF) - Alpha Wire

28342 Datasheet PDF - Alpha Wire
Part # 28342
Download  28342 Download
File Size   98.76 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

28342 Datasheet (PDF)

Go To PDF Page Download Datasheet
28342 Datasheet PDF - Alpha Wire

Part # 28342
Download  28342 Click to download

File Size   98.76 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

28342 Datasheet (HTML) - Alpha Wire


28342 Product details

Construction
Diameters (In)
1) Component 1 2 X 1 COND
a) Conductor
22 (19/34) AWG Silver Plated
Copper
0.032
b) Insulation 0.009" Wall, Nom. PTFE 0.050
(1) Color Code Alpha Wire Color Code G
Cond Color Cond Color Cond Color
1 WHITE 2 BLACK
2) Cable Assembly 2 Components Cabled
a) Twists: 8.0 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
3) Shield
Silver Platted Copper BRAID
Shield,90% Coverage, Min.
4) Jacket 0.010" Wall, Nom.,FEP 0.142 (0.155 Max.)
a) Color(s) WHITE




Similar Part No. - 28342

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2834203 PHOENIX-2834203 Datasheet
288Kb / 6P
Single relay - REL-IR/LDM- 24DC/4X21AU
10/27/2021
2834232 PHOENIX-2834232 Datasheet
133Kb / 4P
REL-OR- 24DC/2X21
2834258 PHOENIX-2834258 Datasheet
132Kb / 4P
REL-OR-120AC/2X21
2834274 PHOENIX-2834274 Datasheet
109Kb / 4P
Single relay - REL-OR- 24DC/3X21
2834290 PHOENIX-2834290 Datasheet
136Kb / 4P
REL-OR-120AC/3X21
More results


Similar Description - 28342

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com