Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD761-Q1 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
ESD761-Q1 Datasheet PDF - Texas Instruments
Part # ESD761-Q1
Download  ESD761-Q1 Download
File Size   1186.69 Kbytes
Page   25 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 Automotive 24-V, 1-Channel ESD Protection Diodes for In-Vehicle Networks

ESD761-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD761-Q1 Datasheet PDF - Texas Instruments

Part # ESD761-Q1
Download  ESD761-Q1 Click to download

File Size   1186.69 Kbytes
Page   25 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 Automotive 24-V, 1-Channel ESD Protection Diodes for In-Vehicle Networks

ESD761-Q1 Datasheet (HTML) - Texas Instruments


ESD761-Q1 Product details

1 Features
• IEC 61000-4-2 level 4 ESD protection:
– ±30-kV, ±22-kV or ±15-kV contact discharge
– ±30-kV, ±22-kV or ±15-kV air-gap discharge
• ISO 10605 (330 pF, 330 Ω) ESD protection:
– ±30-kV, ±22-kV or ±15-kV contact discharge
– ±30-kV, ±22-kV or ±15-kV air-gap discharge
• 24-V working voltage
• Bidirectional ESD protection
• Low clamping voltage protects downstream
components
• AEC-Q101 qualified
• Temperature range: –55°C to +150°C
• I/O capacitance = 2.3 pF, 1.6 pF, or 1.1 pF (typical)
• Offered in industry standard packages: SOD-323
(DYF), SOD-523 (DYA), and 0402 size leadless
package (DPY)
• Leaded packages used for automatic optical
inspection (AOI)

2 Applications
• Automotive in-vehicle networks:
– Local interconnect network (LIN)
– Single line CAN ESD protection
• Industrial control networks:
– DeviceNet
– Smart distribution systems

3 Description
The ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1
are single-channel low capacitance bidirectional ESD
protection devices for local interconnect network
(LIN). These devices are rated to dissipate contact
ESD strikes beyond the maximum level specified
in the IEC 61000-4-2 international standard (±30-
kV Contact, ±30-kV Airgap), (±22-kV Contact, ±22-
kV Airgap), and (±15-kV Contact, ±15-kV Airgap),
respectively. The low dynamic resistance and low
clamping voltage help protect systems against
transient events. This protection is key as automotive
systems require a high level of robustness and
reliability when they control safety devices.
The ESD1LIN24-Q1 and ESD751-Q1 are both offered
in leaded packages for easy flow through routing.




Similar Part No. - ESD761-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ESD761-Q1 TI-ESD761-Q1 Datasheet
1Mb / 26P
ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 Automotive 24-V, 1-Channel ESD Protection Diodes for In-Vehicle Networks
REVISED SEPTEMBER 2022
ESD761-Q1 TI-ESD761-Q1 Datasheet
1Mb / 24P
ESD751 and ESD761 24-V 1-Channel ESD Protection Diodes
REVISED DECEMBER 2022
ESD761-Q1 TI-ESD761-Q1 Datasheet
1Mb / 27P
ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 Automotive 24-V, 1-Channel ESD Protection Diodes for In-Vehicle Networks
REVISED DECEMBER 2022
More results


Similar Description - ESD761-Q1

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PESD24V PROTEC-PESD24V Datasheet
463Kb / 7P
ESD PROTECTION FOR IN-VEHICLE NETWORKS
logo
Texas Instruments
ESD2CAN24-Q1 TI-ESD2CAN24-Q1 Datasheet
1Mb / 22P
ESD2CAN24-Q1 Automotive 24-V, 2-Channel ESD Protection Diode for In-Vehicle Networks
JUNE 2022
ESD1LIN24-Q1 TI-ESD1LIN24-Q1 Datasheet
1Mb / 26P
ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 Automotive 24-V, 1-Channel ESD Protection Diodes for In-Vehicle Networks
REVISED SEPTEMBER 2022
ESD2CAN24-Q1 TI-ESD2CAN24-Q1_V01 Datasheet
1Mb / 25P
ESD2CANxx24-Q1 Automotive 24-V, 2-Channel ESD Protection Diode for In-Vehicle Networks
REVISED SEPTEMBER 2022
ESD2CAN24-Q1 TI-ESD2CAN24-Q1_V02 Datasheet
2Mb / 28P
ESD2CANxx24-Q1 Automotive 24-V, 2-Channel ESD Protection Diode for In-Vehicle Networks
REVISED NOVEMBER 2022
ESD2CANFD24 TI-ESD2CANFD24 Datasheet
1Mb / 14P
ESD2CANFD24 24-V, 2-Channel ESD Protection Diode for In-Vehicle Networks
NOVEMBER 2022
ESD751 TI-ESD751 Datasheet
957Kb / 19P
ESD751 and ESD761 24-V 1-Channel ESD Protection Diodes
REVISED DECEMBER 2022
ESD751 TI-ESD751_V01 Datasheet
1Mb / 24P
ESD751 and ESD761 24-V 1-Channel ESD Protection Diodes
REVISED DECEMBER 2022
ESD1LIN24-Q1 TI-ESD1LIN24-Q1_V02 Datasheet
1Mb / 27P
ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 Automotive 24-V, 1-Channel ESD Protection Diodes for In-Vehicle Networks
REVISED DECEMBER 2022
ESD1LIN24 TI-ESD1LIN24 Datasheet
682Kb / 16P
ESD1LIN24 24-V, 1-Channel ESD Protection Diode
REVISED DECEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com