Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA351ABS Datasheet (PDF) - Texas Instruments

INA351ABS Datasheet PDF - Texas Instruments
Part # INA351ABS
Download  INA351ABS Download
File Size   3079.18 Kbytes
Page   40 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description INA351 - Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer

INA351ABS Datasheet (PDF)

Go To PDF Page Download Datasheet
INA351ABS Datasheet PDF - Texas Instruments

Part # INA351ABS
Download  INA351ABS Click to download

File Size   3079.18 Kbytes
Page   40 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description INA351 - Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer

INA351ABS Datasheet (HTML) - Texas Instruments


INA351ABS Product details

1 Features
• Designed for size, cost, and power conscious
applications
• Selectable gain options with integrated reference
buffer
– G = 10 or G = 20 (INA351ABS)
– G = 30 or G = 50 (INA351CDS)
• Space saving ultra-small package options
– 10-pin X2QFN (RUG) – 3 mm2
– 8-pin WSON (DSG) – 4 mm2
– 8-pin SOT23-THN (DDF) – 4.64 mm2
• Optimized performance for 10-bit to 14-bit systems
– CMRR: 95 dB (typ) across all gains
– Offset voltage: 0.2 mV (typ) across all gains
– Gain error (typ):
• 0.0015% for G = 10, G = 50
• 0.0020% for G = 20, G = 30
• Bandwidth: 100 kHz for G = 10 (typ)
• Drives 500 pF with less than 20% overshoot (typ)
• Optimized quiescent current: 110 μA (typ)
• Shutdown option for power conscious applications
• Supply range: 1.8 V (±0.9 V) to 5.5 V (±2.75 V)
• Specified temperature range: –40°C to 125°C

2 Applications
• Bridge network sensing
• Differential to single-ended conversion
• Weigh scale
• Analog input module
• Flow transmitter
• Wearable fitness and activity monitor
• Blood glucose monitor
• Pressure and temperature sensing

3 Description
INA351 is a selectable-gain instrumentation amplifier
with integrated reference buffer that offers four gain
options across INA351ABS and INA351CDS variants
available in small packages. INA351ABS has gain
options of 10 or 20 and INA351CDS has gain options
of 30 or 50. These gain options can be selected
by toggling the gain select (GS) pin. INA351 is
an excellent choice for bridge-type sensing and for
differential to single-ended conversion applications.
Built with precision matched integrated resistors,
INA351 saves on BOM costs, pick-and-place machine
handling costs, and board space by removing the
need for precise or closely-matched external resistors.
The INA351 can interface directly to low-speed, 10-bit
to 14-bit, analog-to-digital converters (ADC) and is an
excellent choice for replacing discrete implementation
of instrumentation amplifiers built with commodity
amplifiers and discrete resistors.
Designed with the three-amplifier architecture, INA351
is optimized for delivering performance. The device
achieves 86 dB of minimum CMRR and an accurate
0.1% of maximum gain error, along with 1.3 mV
of maximum offset across all gain options, while
consuming just 135 μA of maximum quiescent
current. INA351 has an integrated shutdown option
to turn off the amplifier when idle for additional power
savings in battery powered applications.




Similar Part No. - INA351ABS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA351ABS TI1-INA351ABS Datasheet
3Mb / 41P
INA351 - Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
REVISED FEBRUARY 2023
INA351ABS TI-INA351ABS Datasheet
3Mb / 41P
INA351 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
REVISED MAY 2023
INA351ABS TI-INA351ABS Datasheet
3Mb / 46P
INA351 Cost and Size Optimized, Low Power, 1.8V to 5.5V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
NOVEMBER 2024
INA351ABS TI2-INA351ABS Datasheet
3Mb / 48P
INA351 Cost and Size Optimized, Low Power, 1.8V to 5.5V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
REVISED NOVEMBER 2024
INA351ABSIDDFR TI-INA351ABSIDDFR Datasheet
3Mb / 46P
INA351 Cost and Size Optimized, Low Power, 1.8V to 5.5V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
NOVEMBER 2024
More results


Similar Description - INA351ABS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT6401 AD-ADT6401 Datasheet
271Kb / 12P
Low Cost, 2.7 V to 5.5 V, Pin-Selectable Temperature Switches in SOT-23
REV. 0
AD620 AD-AD620_15 Datasheet
643Kb / 21P
Low Cost Low Power Instrumentation Amplifier
Rev. H
logo
JSC ALFA.
AS620 ALFA-AS620 Datasheet
309Kb / 4P
Low Cost Low Power Instrumentation Amplifier
logo
Texas Instruments
INA350 TI-INA350 Datasheet
3Mb / 45P
INA350 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier
DECEMBER 2021
INA350 TI-INA350_V01 Datasheet
3Mb / 45P
INA350 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier
DECEMBER 2021
INA350 TI-INA350_V02 Datasheet
3Mb / 45P
INA350 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier
APRIL 2022
INA351 TI1-INA351_V01 Datasheet
3Mb / 41P
INA351 - Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
REVISED FEBRUARY 2023
INA351A TI-INA351A Datasheet
1Mb / 30P
INA351A - Low Power, 1.8-V to 5.5-V Small-Size Instrumentation Amplifier with Configurable Reference Amplifier
JUNE 2023
INA350 TI1-INA350_V03 Datasheet
3Mb / 44P
INA350 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier
REVISED MAY 2023
INA351 TI-INA351_V02 Datasheet
3Mb / 41P
INA351 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
REVISED MAY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com