Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BB-FOSTCDRI Datasheet (PDF) - Advantech Co., Ltd.

BB-FOSTCDRI Datasheet PDF - Advantech Co., Ltd.
Part # BB-FOSTCDRI
Download  BB-FOSTCDRI Download
File Size   362.89 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description Industrial Serial to Fiber Optic Converters

BB-FOSTCDRI Datasheet (PDF)

Go To PDF Page Download Datasheet
BB-FOSTCDRI Datasheet PDF - Advantech Co., Ltd.

Part # BB-FOSTCDRI
Download  BB-FOSTCDRI Click to download

File Size   362.89 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description Industrial Serial to Fiber Optic Converters

BB-FOSTCDRI Datasheet (HTML) - Advantech Co., Ltd.


BB-FOSTCDRI Product details

• Converts serial data signals to multi-mode ST fiber
• 2000V 3-way optical isolation (input/output/power); EMI/RFI protection
• Data rate: up to 115.2 kbps
• Wide operating temperature: -40 to +80 °C
• DIN mount, IP20 plastic case
• UL Class 1 / Division 2
• Modbus ASCII/RTU compatible
• 10–48 VDC power source required (not included, sold separately)
• Inverted fiber state option (Model# BB-FOSTCDRI-INV)
FEATURES




Similar Part No. - BB-FOSTCDRI

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
BB-FOSTCDRI ADVANTECH-BB-FOSTCDRI Datasheet
554Kb / 3P
Serial to Fiber Optic Converters
9-Mar-2022
BB-FOSTCDRI-PH-MT ADVANTECH-BB-FOSTCDRI-PH-MT Datasheet
554Kb / 3P
Serial to Fiber Optic Converters
9-Mar-2022
BB-FOSTCDRI-PH-SC ADVANTECH-BB-FOSTCDRI-PH-SC Datasheet
554Kb / 3P
Serial to Fiber Optic Converters
9-Mar-2022
BB-FOSTCDRI-SC ADVANTECH-BB-FOSTCDRI-SC Datasheet
554Kb / 3P
Serial to Fiber Optic Converters
9-Mar-2022
BB-FOSTCDRI-ST ADVANTECH-BB-FOSTCDRI-ST Datasheet
554Kb / 3P
Serial to Fiber Optic Converters
9-Mar-2022
More results


Similar Description - BB-FOSTCDRI

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-6542 ADVANTECH-ADAM-6542 Datasheet
57Kb / 1P
Ethernet to WDM Fiber Optic Converters
EKI-2541M ADVANTECH-EKI-2541M Datasheet
269Kb / 1P
10/100TX to Multi-mode SC Type Fiber Optic Industrial Media Converters
EKI-2741F ADVANTECH-EKI-2741F Datasheet
565Kb / 1P
10/100/1000T(X) to Fiber Optic Gigabit Industrial Media Converters
EKI-2741 ADVANTECH-EKI-2741 Datasheet
220Kb / 1P
10/100/1000T(X) to Fiber Optic Gigabit Industrial Media Converters
logo
Moxa Inc.
ICF-1170I MOXA-ICF-1170I Datasheet
717Kb / 3P
Industrial CAN-to-fiber converters
ICF-1180I MOXA-ICF-1180I Datasheet
1Mb / 4P
Industrial PROFIBUS-to-fiber converters
ICF-1280I MOXA-ICF-1280I Datasheet
2Mb / 4P
Industrial PROFIBUS-to-fiber converters with redundant fiber ring
IMC-101 MOXA-IMC-101 Datasheet
804Kb / 4P
Industrial Ethernet-to-fiber media converters
logo
Advantech Co., Ltd.
FOSTCDRI-PH-MC ADVANTECH-FOSTCDRI-PH-MC Datasheet
520Kb / 2P
Heavy Industrial Serial to Fiber Optic Converters
ULI-211C ADVANTECH-ULI-211C Datasheet
554Kb / 3P
Serial to Fiber Optic Converters
9-Mar-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com