Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3601DBVR Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TLV3601DBVR Datasheet PDF - Texas Instruments
Part # TLV3601DBVR
Download  TLV3601DBVR Download
File Size   2226.93 Kbytes
Page   41 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV360x 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay

TLV3601DBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV3601DBVR Datasheet PDF - Texas Instruments

Part # TLV3601DBVR
Download  TLV3601DBVR Click to download

File Size   2226.93 Kbytes
Page   41 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV360x 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay

TLV3601DBVR Datasheet (HTML) - Texas Instruments


TLV3601DBVR Product details

1 Features
• Fast propagation delay: 2.5 ns
• Low overdrive dispersion: 600 ps
• High toggle frequency: 325 MHz
• Narrow pulse width detection capability: 1.25 ns
• Push-pull output
• Wide supply range: 2.4 V to 5.5 V
• Input common-mode range extends 200 mV
beyond both rails
• Low input offset voltage: ±5 mV
• Known startup condition at output
• TLV3603 specific features:
– Adjustable hysteresis control pin
– Latch function
• Packages: TLV3601 (SC70-5), (SOT23-5),
TLV3603 (SC70-6),
TLV3602 (VSSOP-8), (WSON-8)
• Functional Safety Capable
– Documentation available to aid functional safety
system design [TLV3601/2]
– Documentation available to aid functional safety
system design [TLV3603]

2 Applications
• Laser distance meter
• Clock and data recovery
• High speed trigger function in oscilloscope and
logic analyzer
• Distance sensing in LIDAR
• Drone vision
• High speed differential line receiver

3 Description
The TLV360x are a family of 325 MHz, high-speed
comparators with rail-to-rail inputs and a propagation
delay of 2.5 ns. The combination of fast response and
wide operating voltage range make the comparators
suitable for narrow signal pulse detection and data
and clock recovery applications in LIDAR, range
finders, and line receivers.
The push-pull (single-ended ) outputs of the TLV360x
family simplify and save cost on board-to-board wiring
for I/O interfaces while reducing power consumption
when compared to alternative high-speed differential
output comparators. They can directly interface most
prevailing digital controllers and IO expanders in the
downstream circuit.
The TLV3601 is available in tiny 5-pin SC70
and SOT23 packages which makes it well suited
for space constrained equipment that benefit from
the comparators fast response time. TLV3603 is
packaged in a 6-pin SC70 package and maintains
the same speed and size as TLV3601 while offering
the additional features of adjustable hysteresis control
and output latch capability. The TLV3602 is a dual
channel version of the TLV3601 and is packaged in
8-pin VSSOP and WSON packages.




Similar Part No. - TLV3601DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3601DBVR TI-TLV3601DBVR Datasheet
2Mb / 39P
TLV360x 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
REVISED JULY 2022
TLV3601DBVR TI-TLV3601DBVR Datasheet
2Mb / 42P
TLV360x 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
REVISED APRIL 2023
TLV3601DBVR TI2-TLV3601DBVR Datasheet
2Mb / 45P
TLV360x 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
REVISED APRIL 2023
TLV3601DBVR.B TI2-TLV3601DBVR.B Datasheet
2Mb / 45P
TLV360x 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
REVISED APRIL 2023
TLV3601DBVRG4 TI2-TLV3601DBVRG4 Datasheet
2Mb / 45P
TLV360x 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
REVISED APRIL 2023
More results


Similar Description - TLV3601DBVR

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-9000 AVAGO-HCPL-9000 Datasheet
357Kb / 14P
High Speed Digital Isolators 15 ns max. propagation delay
ACPL-P343 AVAGO-ACPL-P343 Datasheet
283Kb / 20P
200 ns maximum propagation delay
logo
Texas Instruments
TLV3601 TI-TLV3601_V01 Datasheet
2Mb / 29P
TLV3601, TLV3603 325 MHz High-Speed Comparator with 2.5 ns Propagation Delay
TLV3601-Q1 TI-TLV3601-Q1_V01 Datasheet
2Mb / 30P
TLV3601-Q1, TLV3603-Q1 325 MHz High-Speed Comparator with 2.5 ns Propagation Delay
TLV3601-Q1 TI-TLV3601-Q1_V02 Datasheet
2Mb / 32P
TLV3601-Q1, TLV3603-Q1 325 MHz High-Speed Comparator with 2.5 ns Propagation Delay
NOVEMBER 2021
TLV3601 TI-TLV3601_V02 Datasheet
2Mb / 32P
TLV3601, TLV3603 325 MHz High-Speed Comparator with 2.5 ns Propagation Delay
NOVEMBER 2021
TLV3601-Q1 TI-TLV3601-Q1_V03 Datasheet
2Mb / 40P
TLV360x-Q1 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
REVISED JULY 2022
TLV3601 TI-TLV3601_V03 Datasheet
2Mb / 39P
TLV360x 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
REVISED JULY 2022
TLV3601-Q1 TI-TLV3601-Q1_V04 Datasheet
2Mb / 41P
TLV360x-Q1 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
REVISED JULY 2022
TLV3601 TI-TLV3601_V05 Datasheet
2Mb / 42P
TLV360x 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
REVISED APRIL 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com