Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ET1 Datasheet (PDF) - Kemet Corporation

ET1 Datasheet PDF - Kemet Corporation
Part # ET1
Download  ET1 Download
File Size   369.29 Kbytes
Page   9 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description AUTOMOTIVE RELAYS

ET1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ET1 Datasheet PDF - Kemet Corporation

Part # ET1
Download  ET1 Click to download

File Size   369.29 Kbytes
Page   9 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description AUTOMOTIVE RELAYS

ET1 Datasheet (HTML) - Kemet Corporation


ET1 Product details

DESCRIPTION
The new NEXEM ET2/ET1 series is PC-board mount type automotive relay suitable for various motor and heater
control applications that require a high quality and performance. The ET2/ET1 series is the relay that succeeds
fundamental structure and performance of the NEXEM EP2/EP1 series that has the high share with a motor control
usage of the of the world. Besides the ET2/ET1 series is succeeding in about 50% of miniaturization in
comparison with the EP2/EP1 series.
The NEXEM ET2/ET1 series is PC-board mount type automotive relay suitable for various motor and heater control
applications that require a high quality and performance. The ET2/ET1 series is the relay that succeeds fundamental
structure and performance of the NEXEM EP2/EP1 series that has the high share with a motor control usage of the
automobile at automobile industry in the world. Besides the ET2/ET1 series is succeeding for about 50% of miniaturization compared to ET2/ET1 series.

FEATURES
• PC board mounting
• Approx. 50% relay volume of EP2/EP1
• Approx. 75% relay space of EP2/EP1
• Approx. 70% relay height of EP2/EP1
• Approx. 50% relay weight of EP2/EP1

APPLICATIONS
• Motor control
• Heater control
• Solenoid control




Similar Part No. - ET1

ManufacturerPart #DatasheetDescription
logo
NEC
ET1 NEC-ET1 Datasheet
926Kb / 7P
Miniature Relays
ET1 NEC-ET1 Datasheet
129Kb / 12P
AUTOMOTIVE RELAYS
ET1-B3M1 NEC-ET1-B3M1 Datasheet
129Kb / 12P
AUTOMOTIVE RELAYS
ET1-B3M1S NEC-ET1-B3M1S Datasheet
129Kb / 12P
AUTOMOTIVE RELAYS
logo
Extech Instruments Corp...
ET10 EXTECH-ET10 Datasheet
721Kb / 2P
Electrical Testers
More results


Similar Description - ET1

ManufacturerPart #DatasheetDescription
logo
NEC
EN2-1N1S NEC-EN2-1N1S Datasheet
193Kb / 12P
AUTOMOTIVE RELAYS (Twin, Single) Relays
EQ131000S NEC-EQ131000S Datasheet
139Kb / 12P
AUTOMOTIVE RELAYS
ET2-B3M1S NEC-ET2-B3M1S Datasheet
129Kb / 12P
AUTOMOTIVE RELAYS
logo
TE Connectivity Ltd
ISO TEC-ISO Datasheet
483Kb / 2P
Automotive Relays Accessories
logo
American Electronic Com...
DG85D-JMPR AEC-DG85D-JMPR Datasheet
159Kb / 1P
automotive relays
DG85G AEC-DG85G Datasheet
334Kb / 4P
automotive / industrial relays
logo
Willow Technologies Ltd
DG55 WILLOW-DG55 Datasheet
248Kb / 3P
automotive relays
DG56A WILLOW-DG56A Datasheet
390Kb / 3P
automotive relays
DG56C WILLOW-DG56C Datasheet
245Kb / 3P
automotive relays
RA2 WILLOW-RA2 Datasheet
360Kb / 3P
Automotive PCB relays
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com