Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IEB01 Datasheet (PDF) - XP Power Limited

IEB01 Datasheet PDF - XP Power Limited
Part # IEB01
Download  IEB01 Download
File Size   1980.73 Kbytes
Page   5 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description DC-DC C ONVERTER

IEB01 Datasheet (PDF)

Go To PDF Page Download Datasheet
IEB01 Datasheet PDF - XP Power Limited

Part # IEB01
Download  IEB01 Click to download

File Size   1980.73 Kbytes
Page   5 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description DC-DC C ONVERTER

IEB01 Datasheet (HTML) - XP Power Limited


IEB01 Product details

The single output IEB01 series is an ideal solution for isolating voltage rails in a distributed
power supply architecture such as analog, digital, data and relay circuits. This product family
offers a compact, long-lasting design with high efficiency, 1.5kV functional isolation, short
circuit protection and high operating temperature.

Features
• Unregulated single output
• ±10% input range
• Single outputs 3.3 to 24VDC
• SIP4 package
• 1.5 kVDC functional isolation
• Continuous short circuit protection
• Class B conducted & radiated emissions
• -40˚C to +105˚C operating temperature
• Full load to +85˚C ambient
• 3 year warranty





Similar Description - IEB01

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL20C ARTESYN-SIL20C Datasheet
205Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL40C ARTESYN-SIL40C Datasheet
214Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT06C ARTESYN-SMT06C Datasheet
186Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT40C ARTESYN-SMT40C Datasheet
186Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL20C EMERSON-NETWORKPOWER-SIL20C Datasheet
205Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL25C EMERSON-NETWORKPOWER-SIL25C Datasheet
689Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
XP Power Limited
IAB01 XPPOWER-IAB01 Datasheet
2Mb / 5P
DC-DC C ONVERTER
19 July 2022
IVB01 XPPOWER-IVB01 Datasheet
2Mb / 5P
DC-DC C ONVERTER
19 July 2022
JMR03 XPPOWER-JMR03 Datasheet
1Mb / 5P
DC-DC C ONVERTER
10 March 2022
IES01 XPPOWER-IES01_V01 Datasheet
2Mb / 6P
DC-DC C ONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com