Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1767610 Datasheet (PDF) - PHOENIX CONTACT

1767610 Datasheet PDF - PHOENIX CONTACT
Part # 1767610
Download  1767610 Download
File Size   277.89 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - MC 1,5/ 6-STZ2-3,5

1767610 Datasheet (PDF)

Go To PDF Page Download Datasheet
1767610 Datasheet PDF - PHOENIX CONTACT

Part # 1767610
Download  1767610 Click to download

File Size   277.89 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - MC 1,5/ 6-STZ2-3,5

1767610 Datasheet (HTML) - PHOENIX CONTACT


1767610 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, type of contact: Female connector, number of potentials: 6,
number of rows: 1, number of positions: 6, number of connections: 6, product range: MC 1,5/..-
STZ, pitch: 3.5 mm, connection method: Screw connection with tension sleeve, screw head form:
L Slotted, conductor/PCB connection direction: 0 °, strain relief: STZ2 Strain relief 17.2 X 25.5
mm, plug-in system: COMBICON MC 1,5, locking: without, mounting: without, type of packaging:
packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Pull-out aid facilitates handling and allows the tensile force to be reduced at the contact point




Similar Part No. - 1767610

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1767623 PHOENIX-1767623 Datasheet
95Kb / 5P
Printed-circuit board connector - MC 1,5/ 5-STZ2-3,5
09/12/2020
1767627 PHOENIX-1767627 Datasheet
104Kb / 4P
MSTB 2,5/ 9-ST BD:1-9
1767665 PHOENIX-1767665 Datasheet
246Kb / 6P
Printed-circuit board connector - MC 1,5/ 9-STZ3-3,81
02/04/2022
logo
Tyco Electronics
176768 MACOM-176768 Datasheet
305Kb / 21P
This specification covers the requirements for product performance
176769 MACOM-176769 Datasheet
305Kb / 21P
This specification covers the requirements for product performance
More results


Similar Description - 1767610

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1767694 PHOENIX-1767694 Datasheet
106Kb / 5P
Printed-circuit board connector - MC 1,5/ 6-STZ2-3,81
1840405 PHOENIX-1840405 Datasheet
140Kb / 5P
MC 1,5/ 6-ST-3,5
1844252 PHOENIX-1844252 Datasheet
162Kb / 5P
MC 1,5/ 6-G-3,5
1702245 PHOENIX-1702245 Datasheet
56Kb / 3P
FMC 1,5/ 6-STZ2-3,5-RF
1768884 PHOENIX-1768884 Datasheet
70Kb / 5P
Printed-circuit board connector - MC 1,5/ 7-STZ2-3,5
1767623 PHOENIX-1767623 Datasheet
95Kb / 5P
Printed-circuit board connector - MC 1,5/ 5-STZ2-3,5
09/12/2020
1847097 PHOENIX-1847097 Datasheet
772Kb / 14P
PCB connector - MC 1,5/ 6-STF-3,5
Jul 20, 2022
1847217 PHOENIX-1847217 Datasheet
761Kb / 14P
PCB connector - MC 1,5/11-STF-3,5
Nov 30, 2022
1840489 PHOENIX-1840489 Datasheet
881Kb / 16P
PCB connector - MC 1,5/14-ST-3,5
Jan 3, 2023
1731714 PHOENIX-1731714 Datasheet
519Kb / 13P
PCB header - MC 1,5/ 6-G-3,5-RN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com