Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2701000 Datasheet (PDF) - PHOENIX CONTACT

2701000 Datasheet PDF - PHOENIX CONTACT
Part # 2701000
Download  2701000 Download
File Size   403.97 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Temperature module - IB IL TEMP 8 UTH/RTD-PAC

2701000 Datasheet (PDF)

Go To PDF Page Download Datasheet
2701000 Datasheet PDF - PHOENIX CONTACT

Part # 2701000
Download  2701000 Click to download

File Size   403.97 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Temperature module - IB IL TEMP 8 UTH/RTD-PAC

2701000 Datasheet (HTML) - PHOENIX CONTACT


2701000 Product details

Inline analog input terminal, complete with accessories (connector and marking field), 8
channels, TC (thermocouple), RTD (resistance temperature detector), 2 and 3-conductor
connection technology

Product Description
The terminal is designed for use within an Inline station. This terminal provides an 8-channel input module with two linear resistance ranges for
resistance temperature detectors, and a voltage range for thermocouples. This terminal supports, for example:– Platinum and nickel sensors, e.g.
, Pt 100, Pt 1000, Ni 100, and Ni 1000 according to EN 60751 and DIN 43760– All standard thermocouples according to EN 60584-1 and
DIN 43710 Communication is via the parameter channel (PCP) or via the process data.

Your advantages
• 8 temperature sensor inputs
• 3-conductor connection for resistance temperature detectors (Pt 100, Ni 100, Pt 1000, Ni 1000, and others)
• 2-conductor connection for thermocouples
• Internal and external detection and compensation of cold junction temperature (configurable)
• Individual current input, 1 A for total current transformer for heating current monitoring
• Scan time: 20 ms (for all channels)
• Maximum 50 Hz/60 Hz suppression
• High precision and noise immunity
• Temperature stability
• High-resolution temperature, voltage, and resistance measurement
• Resistance values (R0) can be preset separately by means of parameterization
• Channels are parameterized independently of one another
• Diagnostic and status indicators
• Channel scout functionality, for optical channel identification during startup




Similar Part No. - 2701000

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2701009 PHOENIX-2701009 Datasheet
491Kb / 11P
Digital module - IB IL 24 DO 4/EF-PAC
More results


Similar Description - 2701000

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2819833 PHOENIX-2819833 Datasheet
95Kb / 4P
IB IL TEMPCON 300 UTH-2MBD-PAC
2861328 PHOENIX-2861328 Datasheet
147Kb / 5P
IB IL TEMP 2 RTD-PAC
2861386 PHOENIX-2861386 Datasheet
333Kb / 26P
IB IL TEMP 2 UTH-PAC
2861771 PHOENIX-2861771 Datasheet
140Kb / 5P
IB IL TEMPCON RTD-PAC
2861807 PHOENIX-2861807 Datasheet
160Kb / 5P
IB IL TEMPCON UTH-PAC
2863915 PHOENIX-2863915 Datasheet
165Kb / 5P
IB IL TEMP 4/8 RTD-PAC
2897952 PHOENIX-2897952 Datasheet
50Kb / 3P
Inline terminal - IB IL AI/TEMP 4 RTD-PAC
8466 PHOENIX-8466 Datasheet
438Kb / 34P
IB IL TEMP 4/8 RTD-EF-XC-PAC
2701165 PHOENIX-2701165 Datasheet
62Kb / 4P
Inline terminal - IB IL AI/TEMP 4 RTD-XC-PAC
09/12/2020
2897402 PHOENIX-2897402 Datasheet
145Kb / 10P
Inline terminal - IB IL TEMP 4/8 RTD/EF-PAC
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com