Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8316C Datasheet (PDF) - Texas Instruments

DRV8316C Datasheet PDF - Texas Instruments
Part # DRV8316C
Download  DRV8316C Download
File Size   3560.1 Kbytes
Page   95 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DRV8316C Three-Phase Integrated FET Motor Driver

DRV8316C Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8316C Datasheet PDF - Texas Instruments

Part # DRV8316C
Download  DRV8316C Click to download

File Size   3560.1 Kbytes
Page   95 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DRV8316C Three-Phase Integrated FET Motor Driver

DRV8316C Datasheet (HTML) - Texas Instruments


DRV8316C Product details

1 Features
• Three-phase BLDC motor driver
– Cycle-by-cycle current limit to limit phase
current
– Supports up to 200-kHz PWM frequency
– Active demagnetization to reduce power losses
• 4.5-V to 35-V operating voltage (40-V abs max)
• High output current capability: 8-A Peak
• Low MOSFET on-state resistance
– 95-mΩ RDS(ON) (HS + LS) at TA = 25°C
• Low power sleep mode
– 1.5-μA at VVM = 24-V, TA = 25°C
• Multiple control interface options
– 6x PWM control interface
– 3x PWM control interface
– 6x PWM control interface with cycle by cycle
current limit
– 3x PWM control interface with cycle by cycle
current limit
• Does not require external current sense resistors,
built-in current sensing
• Flexible device configuration options
– DRV8316CR: 5-MHz 16-bit SPI interface for
device configuration and fault status
– DRV8316CT: Hardware pin based configuration
• Supports 1.8-V, 3.3-V, and 5-V logic inputs
• Built-in 3.3-V (5%), 30-mA LDO regulator
• Built-in 3.3-V/5-V, 200-mA buck regulator
• Built-in 3.3-V, 30-mA LDO
• Delay compensation reduces duty cycle distortion
• Suite of integrated protection features
– Supply undervoltage lockout (UVLO)
– Charge pump undervoltage (CPUV)
– Overcurrent protection (OCP)
– Thermal warning and shutdown (OTW/OTSD)
– Fault condition indication pin (nFAULT)
– Optional fault diagnostics over SPI interface

2 Applications
• CPAP machines
• Brushless-DC (BLDC) Motor Modules
• Printers
• Camera gimbals
• HVAC motors
• Small home appliances
• Office automation machines
• Factory automation and robotics

3 Description
DRV8316C integrates three H-bridges with 40-V
absolute maximum capability and a very low RDS(ON)
of 95 mΩ (high-side + low-side) to enable high power
drive capability for 12-V/24-V brushless-DC motors.
DRV8316C provides integrated current sensing which
eliminates the need for external sense resistors.
DRV8316C integrates power management circuits
including an voltage-adjustable buck regulator (3.3 V /
5 V, 200-mA) and LDO (3.3 V / 30 mA) that can be
used to power external circuits.
DRV8316C provides a configurable 6x or 3x PWM
control scheme which can be used to implement
sensored or sensorless field-oriented control (FOC),
sinusoidal control, or trapezoid control using an
external microcontroller. DRV8316C is capable of
driving a PWM frequency of up to 200 kHz.
DRV8316C is highly configurable either through SPI
(DRV8316CR) or pins (DRV8316CT) - PWM mode.
slew rate, OCP level, current sense gain are some of
the configurable features.
A number of protection features including supply
undervoltage lockout (UVLO), overvoltage protection
(OVP), charge pump undervoltage (CPUV),
overcurrent protection (OCP), over-temperature
warning (OTW) and over-temperature shutdown
(OTSD) are integrated into DRV8316C to protect the
device, motor, and system against fault events. Fault
conditions are indicated by the nFAULT pin.
Refer Application Information for design consideration
and recommendation on device usage.




Similar Part No. - DRV8316C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8316C TI-DRV8316C Datasheet
3Mb / 95P
DRV8316C-Q1 Automotive Three-Phase Integrated FET Motor Driver
FEBRUARY 2023
DRV8316C-Q1 TI-DRV8316C-Q1 Datasheet
3Mb / 95P
DRV8316C-Q1 Automotive Three-Phase Integrated FET Motor Driver
FEBRUARY 2023
DRV8316CR-Q1 TI-DRV8316CR-Q1 Datasheet
3Mb / 95P
DRV8316C-Q1 Automotive Three-Phase Integrated FET Motor Driver
FEBRUARY 2023
DRV8316CRQRGFRQ1 TI-DRV8316CRQRGFRQ1 Datasheet
3Mb / 95P
DRV8316C-Q1 Automotive Three-Phase Integrated FET Motor Driver
FEBRUARY 2023
DRV8316CT-Q1 TI-DRV8316CT-Q1 Datasheet
3Mb / 95P
DRV8316C-Q1 Automotive Three-Phase Integrated FET Motor Driver
FEBRUARY 2023
More results


Similar Description - DRV8316C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6234 STMICROELECTRONICS-L6234 Datasheet
116Kb / 10P
THREE PHASE MOTOR DRIVER
Mar-1998
logo
Sanyo Semicon Device
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13412 HITACHI-HA13412 Datasheet
91Kb / 4P
THREE PHASE BRUSHIESS MOTOR DRIVER
logo
STMicroelectronics
L634 STMICROELECTRONICS-L634 Datasheet
469Kb / 10P
THREE PHASE MOTOR DRIVER
Aug-2003
logo
ON Semiconductor
LB11683H-TLM-E ONSEMI-LB11683H-TLM-E Datasheet
95Kb / 7P
Three-Phase Sensorless Motor Driver
May, 2013
logo
STMicroelectronics
L6234PD013TR STMICROELECTRONICS-L6234PD013TR Datasheet
510Kb / 16P
Three phase motor driver
15-Nov-2011
logo
Texas Instruments
DRV8316 TI-DRV8316 Datasheet
2Mb / 83P
DRV8316 Three-Phase Integrated FET Motor Driver
DRV8316-Q1 TI-DRV8316-Q1 Datasheet
4Mb / 97P
DRV8316-Q1 Three-Phase Integrated FET Motor Driver
JANUARY 2022
DRV8316C-Q1 TI-DRV8316C-Q1 Datasheet
3Mb / 95P
DRV8316C-Q1 Automotive Three-Phase Integrated FET Motor Driver
FEBRUARY 2023
logo
STMicroelectronics
L6234 STMICROELECTRONICS-L6234_V01 Datasheet
494Kb / 16P
Three phase motor driver
15-Nov-2011
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com