Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD761DPYR Datasheet (PDF) - Texas Instruments

ESD761DPYR Datasheet PDF - Texas Instruments
Part # ESD761DPYR
Download  ESD761DPYR Download
File Size   1193.07 Kbytes
Page   24 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ESD751 and ESD761 24-V 1-Channel ESD Protection Diodes

ESD761DPYR Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD761DPYR Datasheet PDF - Texas Instruments

Part # ESD761DPYR
Download  ESD761DPYR Click to download

File Size   1193.07 Kbytes
Page   24 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ESD751 and ESD761 24-V 1-Channel ESD Protection Diodes

ESD761DPYR Datasheet (HTML) - Texas Instruments


ESD761DPYR Product details

1 Features
• IEC 61000-4-2 level 4 ESD protection:
– ±22-kV or ±15-kV contact discharge
– ±22-kV or ±15-kV air-gap discharge
• Robust surge protection:
– IEC 61000-4-5 (8/20 μs): 2.8 A or 1.8 A
• 24-V working voltage
• Bidirectional ESD protection
• Low clamping voltage protects downstream
components
• Temperature range: –55°C to +150°C
• I/O capacitance = 1.6 pF or 1.1 pF (typical)
• Offered in a standard leaded package and 0402
footprint package: SOD-523 (DYA) and X1SON
(DPY)
• Leaded packages used for automatic optical
inspection (AOI)

2 Applications
• USB power delivery (USB-PD)
– VBUS protection
– I/O protection
• Industrial control networks:
– DeviceNet
– Smart distribution systems
– 4/20 mA circuits
– PLC surge protection
– ADC surge protection

3 Description
The ESD751 and ESD761 are single-channel low
capacitance bidirectional ESD protection devices
for USB power delivery (USB-PD). These devices
are rated to dissipate contact ESD strikes beyond
the maximum level specified in the IEC 61000-4-2
international standard (±22-kV Contact, ±22-kV
Airgap) and (±15-kV Contact, ±15-kV Airgap),
respectively. The low dynamic resistance and low
clamping voltage help protect systems against
transient events. This protection is key because
industrial systems require a high level of robustness
and reliability.




Similar Part No. - ESD761DPYR

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
ESD761DPYR-TP TECHPUBLIC-ESD761DPYR-TP Datasheet
1Mb / 4P
I-Line Bi-directional TVS Diode
logo
Texas Instruments
ESD761DPYRQ1 TI-ESD761DPYRQ1 Datasheet
1Mb / 27P
ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 Automotive 24-V, 1-Channel ESD Protection Diodes for In-Vehicle Networks
REVISED DECEMBER 2022
More results


Similar Description - ESD761DPYR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD8011 ONSEMI-ESD8011 Datasheet
270Kb / 8P
ESD Protection Diodes
September, 2015 ??Rev. 3
ESD8101 ONSEMI-ESD8101 Datasheet
153Kb / 8P
ESD Protection Diodes
August, 2015 ??Rev. 1
CM1242-33CP ONSEMI-CM1242-33CP_12 Datasheet
85Kb / 4P
1-Channel ESD Protection
January, 2012 ??Rev. 6
ESDL4151 ONSEMI-ESDL4151 Datasheet
339Kb / 7P
ESD and Surge Protection Device, Bidirectional, 15 V Micro?뭁ackaged Diodes for ESD Protection
September, 2019 ??Rev. 0
ESDM1131 ONSEMI-ESDM1131 Datasheet
314Kb / 7P
3.3 V ESD Protection Diodes
March, 2018 ??Rev. 1
logo
Texas Instruments
ESD1LIN24-Q1 TI-ESD1LIN24-Q1 Datasheet
1Mb / 26P
ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 Automotive 24-V, 1-Channel ESD Protection Diodes for In-Vehicle Networks
REVISED SEPTEMBER 2022
ESD1LIN24-Q1 TI-ESD1LIN24-Q1_V01 Datasheet
1Mb / 25P
ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 Automotive 24-V, 1-Channel ESD Protection Diodes for In-Vehicle Networks
REVISED NOVEMBER 2022
ESD751 TI-ESD751 Datasheet
957Kb / 19P
ESD751 and ESD761 24-V 1-Channel ESD Protection Diodes
REVISED DECEMBER 2022
ESD1LIN24-Q1 TI-ESD1LIN24-Q1_V02 Datasheet
1Mb / 27P
ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 Automotive 24-V, 1-Channel ESD Protection Diodes for In-Vehicle Networks
REVISED DECEMBER 2022
ESD1LIN24 TI-ESD1LIN24 Datasheet
682Kb / 16P
ESD1LIN24 24-V, 1-Channel ESD Protection Diode
REVISED DECEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com