Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX8MNCEC Datasheet (PDF) - NXP Semiconductors

IMX8MNCEC Datasheet PDF - NXP Semiconductors
Part # IMX8MNCEC
Download  IMX8MNCEC Download
File Size   1167.81 Kbytes
Page   117 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description i.MX 8M Nano Applications Processor Datasheet for Consumer Products

IMX8MNCEC Datasheet (PDF)

Go To PDF Page Download Datasheet
IMX8MNCEC Datasheet PDF - NXP Semiconductors

Part # IMX8MNCEC
Download  IMX8MNCEC Click to download

File Size   1167.81 Kbytes
Page   117 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description i.MX 8M Nano Applications Processor Datasheet for Consumer Products

IMX8MNCEC Datasheet (HTML) - NXP Semiconductors


IMX8MNCEC Product details

Feature
Cortex®-A53 MPCore platform
Quad symmetric Cortex® -A53 processors
• 32 KB L1 Instruction Cache
• 32 KB L1 Data Cache
• Media Processing Engine (MPE) with Arm® NEONTM technology supporting the
Advanced Single Instruction Multiple Data architecture:
• Floating Point Unit (FPU) with support of the Arm® VFPv4-D16 architecture
Support of 64-bit Arm®v8-A architecture
512 KB unified L2 cache

Cortex®-M7 core platform
Low power microcontroller available for customer application:
• low power standby mode
• IoT features including Weave
• Manage IR or wireless remote
• ML inference applications (enhanced for i.MX 8M Nano)
Cortex® M7 CPU:
• 256 KB tightly coupled memory (TCM)

Connectivity
One USB 2.0 OTG controllers with integrated PHY interfaces:
• Spread spectrum clock support
Three Ultra Secure Digital Host Controller (uSDHC) interfaces:
• MMC 5.1 compliance with HS400 DDR signaling to support up to 400 MB/sec
• SD/SDIO 3.0 compliance with 200 MHz SDR signaling to support up to 100
MB/sec
• Support for SDXC (extended capacity)
One Gigabit Ethernet controller with support for Energy Efficient Ethernet (EEE),
Ethernet AVB, and IEEE 1588
Four Universal Asynchronous Receiver/Transmitter (UART) modules
Four I2C modules
Three SPI modules

On-chip memory
Boot ROM (256 KB)
On-chip RAM (512 KB + 32 KB)

GPIO and pin multiplexing
General-purpose input/output (GPIO) modules with interrupt capability
Input/output multiplexing controller (IOMUXC) to provide centralized pad control

Power management
Temperature sensor with programmable trip points
Flexible power domain partitioning with internal power switches to support efficient
power management

External memory interface
16-bit DRAM interfaces:
• LPDDR4-3200
• DDR4-2400
• DDR3L-1600
8-bit NAND-Flash, including support for Raw MLC/SLC devices, BCH ECC up to
62-bit, and ONFi3.2 compliance (clock rates up to 100 MHz and data rates up to 200
MB/sec)
eMMC 5.1 Flash (3 interfaces)
SPI NOR Flash (3 interfaces)
QuadSPI Flash with support for XIP (for Cortex®-M7 in low-power mode) and parallel
read mode of two identical FLASH devices

Multimedia
Graphic Processing Unit:
• GC7000UL with OpenCL and Vulkan support
• 2 shader
• 99.8 million triangles/sec
• 0.6 giga pixel/sec
• 9.6 GFLOPs 32-bit/19.2 GFLOPs 16-bit
• Supports OpenGL ES 1.1, 2.0, 3.0, OpenCL
• Core clock frequency of 600 MHz
• Shader clock frequency of 600 MHz
LCDIF Display Controller:
• Support up to 1080p60 display through MIPI DSI
MIPI Interfaces:
• 4-lane MIPI DSI interface
• 4-lane MIPI CSI interface
Audio:
• S/PDIF input and output, including a raw capture input mode
• Five external synchronous audio interface (SAI) modules supporting I2S, AC97,
TDM, codec/DSP, and DSD interfaces, comprising one SAI with 4 Tx and 4 Rx
lanes, two SAI with 2 Tx and 2 Rx lanes, and two SAI with 1 Tx and 1Rx lane. All
ports support 49.152 MHz BCLK.
• ASRC supports processing 32 audio channels, 4 context groups, 8 kHz to 384 kHz
sample rate and 1/16 to 8x sample rate conversion ratio.
• Pulse Density Modulation (PDM) input

Security
Resource Domain Controller (RDC):
• supports 4 domains and up to 8 regions of DDR
Arm® TrustZone® (TZ) architecture:
• Arm® Cortex-A53 MPCore TrustZone support
On-chip RAM (OCRAM) secure region protection using OCRAM controller
High Assurance Boot (HAB)
Cryptographic acceleration and assurance module (CAAM):
• Support Widevine and PlayReady content protection
• Public Key Cryptography (PKHA) with RSA and Elliptic Curve (ECC) algorithms
• Real-time integrity checker (RTIC)
• DRM support for RSA, AES, 3DES, DES
• Side channel attack resistance
• True random number generation (RNG)
• Manufacturing protection support
Secure non-volatile storage (SNVS):
• Secure real-time clock (RTC)
Secure JTAG controller (SJC)

System debug
Arm® CoreSightTM debug and trace technology
Trace Port Interface Unit (TPIU) to support off-chip real-time trace
Embedded Trace FIFO (ETF) with 4 KB internal storage to provide trace buffering
Unified trace capability for Quad Cortex®-A53 and Cortex®-M7 CPUs
Cross Triggering Interface (CTI)
Support for 4-pin (JTAG) debug interface




Similar Part No. - IMX8MNCEC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX8MNCEC NXP-IMX8MNCEC Datasheet
1Mb / 89P
i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 0.1, 03/2020
More results


Similar Description - IMX8MNCEC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX8MNIEC NXP-IMX8MNIEC Datasheet
1Mb / 89P
i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 0.1, 03/2020
IMX8MNCEC NXP-IMX8MNCEC Datasheet
1Mb / 89P
i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 0.1, 03/2020
IMX7ULPCECB2 NXP-IMX7ULPCECB2 Datasheet
2Mb / 122P
i.MX 7ULP Applications Processor-Consumer
Rev. 0, 09/2020
IMX6SXCEC NXP-IMX6SXCEC Datasheet
4Mb / 207P
i.MX 6SoloX Applications Processors for Consumer Products
Rev. 4, 11/2018
IMX7ULPCEC NXP-IMX7ULPCEC Datasheet
2Mb / 118P
i.MX 7ULP Applications Processor-Consumer Products
Rev. 0, 06/2019
IMX8MMCEC NXP-IMX8MMCEC Datasheet
1Mb / 92P
i.MX 8M Mini Applications Processor Datasheet for Consumer Products
Rev. 1, 07/2020
IMX8MMIEC NXP-IMX8MMIEC Datasheet
994Kb / 92P
i.MX 8M Mini Applications Processor Datasheet for Industrial Products
Rev. 1, 07/2020
IMX8MNIEC NXP-IMX8MNIEC_V01 Datasheet
1Mb / 114P
i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 5, 09/2022
IMX8MMIEC NXP-IMX8MMIEC_V01 Datasheet
2Mb / 96P
i.MX 8M Mini Applications Processor Datasheet for Industrial Products
Rev. 2, 11/2022
IMX8MPCEC NXP-IMX8MPCEC Datasheet
1Mb / 111P
i.MX 8M Plus Applications Processor Datasheet for Consumer Products
Rev. 0, 03/2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com