Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D75703 Datasheet (PDF) - NXP Semiconductors

D75703 Datasheet PDF - NXP Semiconductors
Part # D75703
Download  D75703 Download
File Size   362.83 Kbytes
Page   20 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description RF Power LDMOS Transistor

D75703 Datasheet (PDF)

Go To PDF Page Download Datasheet
D75703 Datasheet PDF - NXP Semiconductors

Part # D75703
Download  D75703 Click to download

File Size   362.83 Kbytes
Page   20 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description RF Power LDMOS Transistor

D75703 Datasheet (HTML) - NXP Semiconductors


D75703 Product details

N−Channel Enhancement−Mode Lateral MOSFET
This 2 W RF power LDMOS transistor is designed for cellular base station
applications covering the frequency range of 728 to 960 MHz.

Features
• Greater negative gate−source voltage range for improved Class C
operation
• On−chip matching (50 ohm input, DC blocked)
• Integrated quiescent current temperature compensation with
enable/disable function (1)
• Integrated ESD protection




Similar Part No. - D75703

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
D75 OHMITE-D75 Datasheet
261Kb / 2P
Rugged lead free vitreous enamel coating
logo
List of Unclassifed Man...
D7509 ETC-D7509 Datasheet
916Kb / 11P
80A 75V N-channel Enhancement Mode Power MOSFET
Rev. 1.0
logo
Vishay Siliconix
D750J39C0GL63L0R VISHAY-D750J39C0GL63L0R Datasheet
303Kb / 7P
Ceramic Disc Capacitors Class 1 and 2, 500 VDC, General Purpose
07-Jan-10
logo
NEC
D75106CW NEC-D75106CW Datasheet
535Kb / 70P
4-BIT SINGLE-CHIP MICROCOMPUTER
D75108CW NEC-D75108CW Datasheet
535Kb / 70P
4-BIT SINGLE-CHIP MICROCOMPUTER
More results


Similar Description - D75703

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
L2821 POLYFET-L2821_14 Datasheet
64Kb / 2P
RF POWER LDMOS TRANSISTOR
L8721P POLYFET-L8721P_14 Datasheet
53Kb / 2P
RF POWER LDMOS TRANSISTOR
L88016 POLYFET-L88016_14 Datasheet
59Kb / 2P
RF POWER LDMOS TRANSISTOR
LB501 POLYFET-LB501_14 Datasheet
62Kb / 2P
RF POWER LDMOS TRANSISTOR
LC801 POLYFET-LC801_14 Datasheet
60Kb / 2P
RF POWER LDMOS TRANSISTOR
LK702 POLYFET-LK702_14 Datasheet
60Kb / 2P
RF POWER LDMOS TRANSISTOR
LP721 POLYFET-LP721_14 Datasheet
60Kb / 2P
RF POWER LDMOS TRANSISTOR
LP802 POLYFET-LP802_14 Datasheet
61Kb / 2P
RF POWER LDMOS TRANSISTOR
LP821 POLYFET-LP821_14 Datasheet
61Kb / 2P
RF POWER LDMOS TRANSISTOR
LQ801 POLYFET-LQ801_14 Datasheet
59Kb / 2P
RF POWER LDMOS TRANSISTOR
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com