Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GXOU114 Datasheet (PDF) - Golledge Electronics Ltd

GXOU114 Datasheet PDF - Golledge Electronics Ltd
Part # GXOU114
Download  GXOU114 Download
File Size   58.75 Kbytes
Page   1 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 1.8V CMOS Oscillator

GXOU114 Datasheet (PDF)

Go To PDF Page Download Datasheet
GXOU114 Datasheet PDF - Golledge Electronics Ltd

Part # GXOU114
Download  GXOU114 Click to download

File Size   58.75 Kbytes
Page   1 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 1.8V CMOS Oscillator

GXOU114 Datasheet (HTML) - Golledge Electronics Ltd




Similar Part No. - GXOU114

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GXOU113 GOLLEDGE-GXOU113 Datasheet
65Kb / 1P
3.3V & 5V CMOS Oscillator
GXOU115 GOLLEDGE-GXOU115 Datasheet
59Kb / 1P
3.3V & 5V CMOS Oscillator
More results


Similar Description - GXOU114

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KC2520C-C1 KSS-KC2520C-C1 Datasheet
112Kb / 1P
CMOS/ 1.8V/ 2.5횞2.0mm
KC7050A-C1 KSS-KC7050A-C1 Datasheet
127Kb / 1P
CMOS/ 1.8V/ 7.0횞5.0mm
logo
Golledge Electronics Lt...
GXO-U114G GOLLEDGE-GXO-U114G_16 Datasheet
131Kb / 1P
1.8V CMOS Oscillator
logo
Pericom Semiconductor C...
KJ-1.8V PERICOM-KJ-1.8V Datasheet
662Kb / 2P
1.8V CMOS 32.768kHz
KK-1.8V PERICOM-KK-1.8V Datasheet
602Kb / 2P
1.8V CMOS 32.768kHz
KN-1.8V PERICOM-KN-1.8V Datasheet
633Kb / 2P
1.8V CMOS 32.768kHz
logo
Golledge Electronics Lt...
GXO-2201G GOLLEDGE-GXO-2201G Datasheet
590Kb / 5P
1.8V CMOS Oscillator with Low Jitter
MCSO1FZ GOLLEDGE-MCSO1FZ Datasheet
551Kb / 4P
1.8V CMOS Oscillator with Low Jitter
MCSO1FHZ GOLLEDGE-MCSO1FHZ Datasheet
551Kb / 4P
1.8V CMOS Oscillator with Low Jitter
MCSO2HZ GOLLEDGE-MCSO2HZ Datasheet
547Kb / 4P
1.8V CMOS Oscillator with - 55125째C Temperature Range
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com