Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1088131 Datasheet (PDF) - PHOENIX CONTACT

1088131 Datasheet PDF - PHOENIX CONTACT
Part # 1088131
Download  1088131 Download
File Size   398.89 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Special function module - AXL SE CNT1

1088131 Datasheet (PDF)

Go To PDF Page Download Datasheet
1088131 Datasheet PDF - PHOENIX CONTACT

Part # 1088131
Download  1088131 Click to download

File Size   398.89 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Special function module - AXL SE CNT1

1088131 Datasheet (HTML) - PHOENIX CONTACT


1088131 Product details

Axioline Smart Elements, Function module, Counter input: 1, Control input: 1, Counting direction
input: 1, Digital output: 1, 24 V DC, 100 mA, degree of protection: IP20

Product Description
You can integrate Axioline Smart Elements into systems with the Smart Element interface. This Smart Element detects and processes fast pulse
sequences from sensors. The Smart Element has a counter input (source), a control input (gate), a counting direction input (direction) and a
configurable output (OUT).

Your advantages
• 32-bit counter (up and down)
• Maximum input frequency: 150 kHz
• Activation of an output is based on a comparative value
• Counter control using a hardware or software gate
• Single or periodic count
• Protected 24 V sensor/actuator supply
• Device rating plate stored




Similar Part No. - 1088131

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1088130 PHOENIX-1088130 Datasheet
410Kb / 16P
Special function module - AXL SE INC1 SYM
Dec 9, 2022
1088132 PHOENIX-1088132 Datasheet
524Kb / 17P
Communication module - AXL SE IOL4
Dec 9, 2022
1088134 PHOENIX-1088134 Datasheet
1Mb / 11P
Cover - AXL SE SC-A
Dec 8, 2022
1088135 PHOENIX-1088135 Datasheet
1Mb / 15P
Module carrier - AXL F BP SE4
Dec 8, 2022
1088136 PHOENIX-1088136 Datasheet
1Mb / 10P
Module carrier - AXL F BP SE6
12/24/2021
More results


Similar Description - 1088131

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1007352 PHOENIX-1007352 Datasheet
326Kb / 6P
Special function module - AXL F PWM2 1H
1190012 PHOENIX-1190012 Datasheet
375Kb / 8P
Safety module - AXL SE SSDI8/3
1181787 PHOENIX-1181787 Datasheet
359Kb / 13P
Communication module - AXL SE RS232
Nov 3, 2022
1079241 PHOENIX-1079241 Datasheet
369Kb / 13P
Safety module - AXL SE PSDI8/3
Dec 9, 2022
1088106 PHOENIX-1088106 Datasheet
602Kb / 15P
Temperature module - AXL SE RTD4 PT100
Dec 8, 2022
1088128 PHOENIX-1088128 Datasheet
397Kb / 16P
Communication module - AXL SE RS485
Dec 8, 2022
1088130 PHOENIX-1088130 Datasheet
410Kb / 16P
Special function module - AXL SE INC1 SYM
Dec 9, 2022
1088132 PHOENIX-1088132 Datasheet
524Kb / 17P
Communication module - AXL SE IOL4
Dec 9, 2022
2702655 PHOENIX-2702655 Datasheet
548Kb / 12P
Special function module - AXL F IMPULSE2 XC 1H
Dec 7, 2022
2702671 PHOENIX-2702671 Datasheet
657Kb / 11P
Special function module - AXL F PM EF 1F
Dec 9, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com