Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2902985 Datasheet (PDF) - PHOENIX CONTACT

2902985 Datasheet PDF - PHOENIX CONTACT
Part # 2902985
Download  2902985 Download
File Size   819.31 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Network isolator - FL ISOLATOR 100-M12

2902985 Datasheet (PDF)

Go To PDF Page Download Datasheet
2902985 Datasheet PDF - PHOENIX CONTACT

Part # 2902985
Download  2902985 Click to download

File Size   819.31 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Network isolator - FL ISOLATOR 100-M12

2902985 Datasheet (HTML) - PHOENIX CONTACT


2902985 Product details

Passive network isolator for electrical isolation in Ethernet networks. For the protection of
Ethernet devices against potential differences of up to 4 kV. Can be used for transmission
speeds of up to 100 Mbps. Ethernet connection via two M12 sockets (D-coded).

Product Description
The FL ISOLATOR 100-M12 has been specifically developed for use in the railway industry. Featuring M12 connection technology and
optional wall mounting, this network isolator can be used flexibly.

Your advantages
• No power supply required
• Dielectric strength of up to 4 kV
• Continuous insulation voltage of 250 VRMS
• Protection against aggressive environmental influences, particularly harsh industrial environments, thanks to coated PCB
• Approval for railway applications (rolling stock) in accordance with EN 50155 and EN 50121
• Wall mounting
• Extended temperature range of -40 °C ... +75 °C




Similar Part No. - 2902985

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2902913 PHOENIX-2902913 Datasheet
297Kb / 8P
TC-2D37SUB-DO16-ESD-AR-UNI - Module carrier
2902914 PHOENIX-2902914 Datasheet
77Kb / 4P
Module carrier - TC-2D37SUB-DO16-F&G-AR-UNI
2902932 PHOENIX-2902932 Datasheet
98Kb / 6P
Module carrier - TC-D37SUB-AIO16-EX-PS-UNI
2902933 PHOENIX-2902933 Datasheet
75Kb / 4P
Module carrier - TC-D37SUB-ADIO16-M-P-UNI
2902934 PHOENIX-2902934 Datasheet
78Kb / 5P
Module carrier - TC-D37SUB-AIO16-M-PS-UNI
More results


Similar Description - 2902985

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WH1A ETC1-WH1A Datasheet
102Kb / 2P
Isolator
WH2A ETC1-WH2A Datasheet
104Kb / 2P
Isolator
logo
TDK Electronics
CU4S0401AT-1445-00 TDK-CU4S0401AT-1445-00 Datasheet
93Kb / 7P
Isolator
CU4S0701AT-1445-00 TDK-CU4S0701AT-1445-00 Datasheet
96Kb / 7P
Isolator
CU4S1001AT-847-00 TDK-CU4S1001AT-847-00 Datasheet
90Kb / 7P
Isolator
CU1L2581AT-1493-00 TDK-CU1L2581AT-1493-00 Datasheet
97Kb / 6P
Isolator
logo
PHOENIX CONTACT
2313915 PHOENIX-2313915 Datasheet
72Kb / 4P
Network isolator - FL ISOLATOR 1000-RJ/RJ
2313928 PHOENIX-2313928 Datasheet
65Kb / 4P
Network isolator - FL ISOLATOR 100-RJ/SC
2313931 PHOENIX-2313931 Datasheet
72Kb / 4P
Network isolator - FL ISOLATOR 100-RJ/RJ
logo
Advantech Co., Ltd.
ULI-238TS ADVANTECH-ULI-238TS Datasheet
419Kb / 1P
CAN (Control Area Network) Optical Isolator
18-Jan-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com