Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3273236 Datasheet (PDF) - PHOENIX CONTACT

3273236 Datasheet PDF - PHOENIX CONTACT
Part # 3273236
Download  3273236 Download
File Size   910.77 Kbytes
Page   38 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6/12X2,5-NS35A VT

3273236 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273236 Datasheet PDF - PHOENIX CONTACT

Part # 3273236
Download  3273236 Click to download

File Size   910.77 Kbytes
Page   38 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6/12X2,5-NS35A VT

3273236 Datasheet (HTML) - PHOENIX CONTACT


3273236 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for
corresponding plug-in bridges, see accessories, Block with horizontal alignment and integrated
supply, nom. voltage: 690 V, nominal current: 24 A, connection method: Push-in connection,
Load contact, cross section: 0.14 mm2 - 4 mm2, Push-in connection, Line contact, Rated cross
section: 6 mm2, cross section: 0.5 mm2 - 10 mm2, mounting type: NS 35/7,5, NS 35/15, color:violet

Your advantages
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting




Similar Part No. - 3273236

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273230 PHOENIX-3273230 Datasheet
909Kb / 39P
Distribution block - PTFIX 6/12X2,5-NS35A BN
Jun 22, 2022
3273232 PHOENIX-3273232 Datasheet
908Kb / 39P
Distribution block - PTFIX 6/12X2,5-NS35A WH
Jun 2, 2022
3273234 PHOENIX-3273234 Datasheet
907Kb / 39P
Distribution block - PTFIX 6/12X2,5-NS35A BK
Jun 2, 2022
3273237 PHOENIX-3273237 Datasheet
845Kb / 35P
Distribution block - PTFIX 6/12X2,5-NS35A PK
Nov 30, 2022
3273238 PHOENIX-3273238 Datasheet
907Kb / 38P
Distribution block - PTFIX 6/12X2,5-NS35A OG
Jul 21, 2022
More results


Similar Description - 3273236

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273220 PHOENIX-3273220 Datasheet
908Kb / 39P
Distribution block - PTFIX 6/12X2,5-NS35A GY
Jun 2, 2022
3273224 PHOENIX-3273224 Datasheet
906Kb / 38P
Distribution block - PTFIX 6/12X2,5-NS35A RD
Jun 2, 2022
3273228 PHOENIX-3273228 Datasheet
908Kb / 39P
Distribution block - PTFIX 6/12X2,5-NS35A GN
Jun 2, 2022
3273232 PHOENIX-3273232 Datasheet
908Kb / 39P
Distribution block - PTFIX 6/12X2,5-NS35A WH
Jun 2, 2022
3273498 PHOENIX-3273498 Datasheet
623Kb / 29P
Distribution block - PTFIX 6/12X2,5-G VT
Jun 23, 2022
3273230 PHOENIX-3273230 Datasheet
909Kb / 39P
Distribution block - PTFIX 6/12X2,5-NS35A BN
Jun 22, 2022
3273302 PHOENIX-3273302 Datasheet
706Kb / 31P
Distribution block - PTFIX 12X2,5 VT
Jun 15, 2022
3273368 PHOENIX-3273368 Datasheet
710Kb / 31P
Distribution block - PTFIX 6/12X2,5 VT
Jul 20, 2022
3273237 PHOENIX-3273237 Datasheet
845Kb / 35P
Distribution block - PTFIX 6/12X2,5-NS35A PK
Nov 30, 2022
3273238 PHOENIX-3273238 Datasheet
907Kb / 38P
Distribution block - PTFIX 6/12X2,5-NS35A OG
Jul 21, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com