Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3273306 Datasheet (PDF) - PHOENIX CONTACT

3273306 Datasheet PDF - PHOENIX CONTACT
Part # 3273306
Download  3273306 Download
File Size   719.32 Kbytes
Page   30 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 12X2,5-FE

3273306 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273306 Datasheet PDF - PHOENIX CONTACT

Part # 3273306
Download  3273306 Click to download

File Size   719.32 Kbytes
Page   30 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 12X2,5-FE

3273306 Datasheet (HTML) - PHOENIX CONTACT


3273306 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for
corresponding plug-in bridges, see accessories, Basic terminal block, nom. voltage: 450 V,
nominal current: 24 A, connection method: Push-in connection, cross section: 0.14 mm2 - 4 mm2
, mounting type: for snapping onto a DIN rail adapter, Direct mounting with flange, Free-hanging,
color: black/yellow

Your advantages
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting
• Clear wiring, thanks to eleven different color variants
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting




Similar Part No. - 3273306

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273300 PHOENIX-3273300 Datasheet
704Kb / 31P
Distribution block - PTFIX 12X2,5 BK
Jun 2, 2022
3273302 PHOENIX-3273302 Datasheet
706Kb / 31P
Distribution block - PTFIX 12X2,5 VT
Jun 15, 2022
3273303 PHOENIX-3273303 Datasheet
702Kb / 30P
Distribution block - PTFIX 12X2,5 PK
Sep 8, 2022
3273304 PHOENIX-3273304 Datasheet
708Kb / 31P
Distribution block - PTFIX 12X2,5 OG
Jun 13, 2022
3273308 PHOENIX-3273308 Datasheet
712Kb / 32P
Distribution block - PTFIX 18X2,5 GY
Jun 7, 2022
More results


Similar Description - 3273306

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3274142 PHOENIX-3274142 Datasheet
173Kb / 15P
Distribution block - PTFIX 12X2,5-NS15A-FE
09/12/2020
3273290 PHOENIX-3273290 Datasheet
706Kb / 31P
Distribution block - PTFIX 12X2,5 RD
Jun 2, 2022
3273296 PHOENIX-3273296 Datasheet
706Kb / 31P
Distribution block - PTFIX 12X2,5 BN
Jun 13, 2022
3273302 PHOENIX-3273302 Datasheet
706Kb / 31P
Distribution block - PTFIX 12X2,5 VT
Jun 15, 2022
3273436 PHOENIX-3273436 Datasheet
637Kb / 28P
Distribution block - PTFIX 12X2,5-FE-G
Jun 29, 2022
3273502 PHOENIX-3273502 Datasheet
635Kb / 28P
Distribution block - PTFIX 6/12X2,5-FE-G
Jul 20, 2022
3274208 PHOENIX-3274208 Datasheet
924Kb / 38P
Distribution block - PTFIX 6/12X2,5-NS15A-FE
Jul 20, 2022
3273042 PHOENIX-3273042 Datasheet
862Kb / 35P
Distribution block - PTFIX 12X2,5-NS35-FE
Jul 21, 2022
3273108 PHOENIX-3273108 Datasheet
921Kb / 38P
Distribution block - PTFIX 6/12X2,5-NS35-FE
Jul 21, 2022
3273174 PHOENIX-3273174 Datasheet
917Kb / 37P
Distribution block - PTFIX 12X2,5-NS35A-FE
Jul 21, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com