Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3273314 Datasheet (PDF) - PHOENIX CONTACT

3273314 Datasheet PDF - PHOENIX CONTACT
Part # 3273314
Download  3273314 Download
File Size   709.72 Kbytes
Page   30 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 18X2,5 YE

3273314 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273314 Datasheet PDF - PHOENIX CONTACT

Part # 3273314
Download  3273314 Click to download

File Size   709.72 Kbytes
Page   30 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 18X2,5 YE

3273314 Datasheet (HTML) - PHOENIX CONTACT


3273314 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for
corresponding plug-in bridges, see accessories, Basic terminal block, nom. voltage: 450 V,
nominal current: 24 A, connection method: Push-in connection, cross section: 0.14 mm2 - 4 mm2
, mounting type: for snapping onto a DIN rail adapter, Direct mounting with flange, Free-hanging,
color: yellow

Your advantages
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting




Similar Part No. - 3273314

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273310 PHOENIX-3273310 Datasheet
708Kb / 30P
Distribution block - PTFIX 18X2,5 BU
Jul 21, 2022
3273312 PHOENIX-3273312 Datasheet
706Kb / 30P
Distribution block - PTFIX 18X2,5 RD
Jul 21, 2022
3273316 PHOENIX-3273316 Datasheet
711Kb / 31P
Distribution block - PTFIX 18X2,5 GN
Jun 24, 2022
3273318 PHOENIX-3273318 Datasheet
708Kb / 30P
Distribution block - PTFIX 18X2,5 BN
Jul 20, 2022
More results


Similar Description - 3273314

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273116 PHOENIX-3273116 Datasheet
912Kb / 39P
Distribution block - PTFIX 6/18X2,5-NS35 YE
Jun 2, 2022
3273316 PHOENIX-3273316 Datasheet
711Kb / 31P
Distribution block - PTFIX 18X2,5 GN
Jun 24, 2022
3273182 PHOENIX-3273182 Datasheet
909Kb / 38P
Distribution block - PTFIX 18X2,5-NS35A YE
Jun 24, 2022
3273050 PHOENIX-3273050 Datasheet
907Kb / 38P
Distribution block - PTFIX 18X2,5-NS35 YE
Jun 22, 2022
3273326 PHOENIX-3273326 Datasheet
710Kb / 30P
Distribution block - PTFIX 18X2,5 OG
Jul 20, 2022
3273444 PHOENIX-3273444 Datasheet
625Kb / 27P
Distribution block - PTFIX 18X2,5-G YE
Jul 20, 2022
3273380 PHOENIX-3273380 Datasheet
718Kb / 32P
Distribution block - PTFIX 6/18X2,5 YE
Jun 29, 2022
3274216 PHOENIX-3274216 Datasheet
917Kb / 38P
Distribution block - PTFIX 6/18X2,5-NS15A YE
Jul 20, 2022
3273510 PHOENIX-3273510 Datasheet
624Kb / 28P
Distribution block - PTFIX 6/18X2,5-G YE
Jul 20, 2022
3274150 PHOENIX-3274150 Datasheet
625Kb / 28P
Distribution block - PTFIX 18X2,5-NS15A YE
Jul 20, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com