Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

211-9244 Datasheet (PDF) - List of Unclassifed Manufacturers

211-9244 Datasheet PDF - List of Unclassifed Manufacturers
Part # 211-9244
Download  211-9244 Download
File Size   700.3 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 2-140 Profile-Cylinder for swinghandle

211-9244 Datasheet (PDF)

Go To PDF Page Download Datasheet
211-9244 Datasheet PDF - List of Unclassifed Manufacturers

Part # 211-9244
Download  211-9244 Click to download

File Size   700.3 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 2-140 Profile-Cylinder for swinghandle

211-9244 Datasheet (HTML) - List of Unclassifed Manufacturers


211-9244 Product details

Profile-cylinders for Swinghandles see
product systems 2-080.01, 2-080.02,
2-090, 2-100.01, 2-120, 2-300, 2-340,
2-400 or 3-150, 3-153, 3-155.02, 3-170.
• Version A:
• Key removable in closed status only.
• Version A1:
• Key removable in locked status only.
Spring loaded clip-in cam.
• Version A2:
• Key removable in locked and unlocked
position. Spring loaded clip-in cam.
Cam has 90° stroke, not clip-in. Cam
length is 12.2mm / 0.480.
• Version B:
• Spring loaded clip-in cam.
• Versions A1, A2 and C are supplied
with 2, Version A with 3 keys.
Material:
• A and D: brass, nickel plated
• A1, A2, B, C and F: zinc die, chrome
plated
• Blank: PA, black
• E Housing and bolt: PA, black
• Cylinder: zinc die




Similar Part No. - 211-9244

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
211-907-22 MARL-211-907-22 Datasheet
281Kb / 5P
Direct replacement for T3 쩌 Midget Edison Screw E10
logo
Winchester Electronics ...
211-910-0630G WINCHESTER-211-910-0630G Datasheet
115Kb / 1P
RDM Straight Receptable
211-910-1160G WINCHESTER-211-910-1160G Datasheet
112Kb / 1P
RDM 50 OHM STRAIGHT Receptacle
logo
Marl International Limi...
211-930-21-38 MARL-211-930-21-38 Datasheet
335Kb / 3P
FILAMENT REPLACEMENT LEDs - T3쩌
211-930-21-38 MARL-211-930-21-38 Datasheet
281Kb / 5P
Direct replacement for T3 쩌 Midget Edison Screw E10
More results


Similar Description - 211-9244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8801 PHILIPS-PCF8801 Datasheet
85Kb / 20P
LCD driver for 140 x 2 segments
2000 Feb 04
logo
Rohm
BA6825FS ROHM-BA6825FS Datasheet
103Kb / 6P
2-phase motor driver for VCR cylinder motors
BA6970FS ROHM-BA6970FS Datasheet
136Kb / 9P
2-phase motor driver for VCR cylinder motors
logo
Sharp Corporation
LR38616 SHARP-LR38616 Datasheet
64Kb / 9P
Timing Generator IC for 2 140 k-pixel CCDs
LZ21N3 SHARP-LZ21N3 Datasheet
153Kb / 19P
1/2-type Interline Color CCD Area Sensor with 2 140 k Pixels
logo
TRIAD MAGNETICS
VPP36-140 TRIAD-VPP36-140 Datasheet
45Kb / 1P
VPP36-140
logo
SHANGHAI BELLING CO., L...
BL55070 BELLING-BL55070 Datasheet
279Kb / 7P
LCD Driver for 140 Display Units
logo
Schneider Electric
APCRBC140 SCHNEIDER-APCRBC140 Datasheet
91Kb / 2P
APC Replacement battery cartridge #140 with 2 Year Warranty
Oct 6, 2021
logo
Silicon Laboratories
RS9113 SILABS-RS9113 Datasheet
3Mb / 56P
RS9113 FIPS 140-2 802.11n Module
Version 1.1
logo
Delta Electronics, Inc.
FFB1424GHE DELTA-FFB1424GHE Datasheet
929Kb / 1P
140 x 140 x 38 MM SERIES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com