Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD4164-3 Datasheet (PDF) - NEC

UPD4164-3 Datasheet PDF - NEC
Part # UPD4164-3
Download  UPD4164-3 Download
File Size   363.29 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 65,536 x 1 BIT DYNAMIC RANDOM ACCESS MEMORY

UPD4164-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD4164-3 Datasheet PDF - NEC

Part # UPD4164-3
Download  UPD4164-3 Click to download

File Size   363.29 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 65,536 x 1 BIT DYNAMIC RANDOM ACCESS MEMORY

UPD4164-3 Datasheet (HTML) - NEC


UPD4164-3 Product details

DESCRIPTION
The NEC /lPD4164 is a 65,536 words by 1 bit Dynamic N-Channel MOS RAM designed
to operate from a single +5V power supply. The negative-voltage substrate bias is
internally generated - its operation is both automatic and transparent.
The /lPD4164 utilizes a double-poly-layer N-channel silicon gate process which provides
high storage cell density, high performance and high reliability.
The /lPD4164 uses a single transistor dynamic storage cell and advanced dynamic
circuitry throughout, including the 512 sense amplifiers, which assures that power
dissipation is minimized. Refresh characteristics have been chosen to maximize yield
(low cost to user) while maintaining compatibility between Dynamic RAM generations.
The /lPD4164 three-state output is controlled by CAS, independent of RAS. After a
valid read or read-modify-write cycle, data is held on the output by holding CAS low.
The data out pin is returned to the high impedance state by returning CAS to a high
state. The /lPD4164 hidden refresh feature allows CAS to be held low to maintain
output data while RAS is used to execute RAS only refresh cycles.
Refreshing is accomplished by performing RA"S" only refresh cycles, hidden refresh
cycles, or normal read or write cycles on the 128 address combinations of AO through
A6 during a 2 ms period.
Multiplexed address inputs permit the /lPD4164 to be packaged in the standard 16
pin dual-in-line package. The 16 pin package provides the highest system bit densities
and is compatible with widely available automated handling equipment.

FEATURES
• High Memory Density
• MUltiplexed Address Inputs
• Single +5V Supply
• On Chip Substrate Bias Generator
• Access Time: /lPD4164-1 - 250 ns
/lPD4164-2 - 200 ns
/lPD4164-3 - 150 ns
• Read, Write Cycle Time: /lPD4164-1 - 410 ns
/lPD4164-2 - 335 ns
/lPD4164-3 - 270 ns
• Low Power Dissipation: 250 mW (Active); 28 mW (Standby)
• Non-Latched Output is Three-State, TTL Compatible
• Read, Write, Read-Write; Read-Modify-Write, RAS Only Refresh, and Page Mode
Capability
• All Inputs TTL Compatible, and Low Input Capacitance
• 128 Refresh Cycles (AO-A6 Pins for Refresh Address)
• CAS Controlled Output Allows Hidden Refresh
• Available in Both Ceramic and Plastic 16 Pin Packages




Similar Part No. - UPD4164-3

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4168 NEC-UPD4168 Datasheet
664Kb / 7P
8,192 x 8-BIT NMOS XRAM
UPD4168C NEC-UPD4168C Datasheet
664Kb / 7P
8,192 x 8-BIT NMOS XRAM
UPD4168C-12 NEC-UPD4168C-12 Datasheet
664Kb / 7P
8,192 x 8-BIT NMOS XRAM
UPD4168C-15 NEC-UPD4168C-15 Datasheet
664Kb / 7P
8,192 x 8-BIT NMOS XRAM
UPD4168C-20 NEC-UPD4168C-20 Datasheet
664Kb / 7P
8,192 x 8-BIT NMOS XRAM
More results


Similar Description - UPD4164-3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ4256 TI-SMJ4256 Datasheet
947Kb / 19P
262,144-BIT DYNAMIC RANDOM-ACCESS MEMORY
SMJ4C1024 TI-SMJ4C1024 Datasheet
414Kb / 27P
1048576 BY 1-BIT DYNAMIC RANDOM-ACCESS MEMORY
logo
Motorola, Inc
MCM4116 MOTOROLA-MCM4116 Datasheet
475Kb / 7P
16,384 BIT DYNAMIC RANDOM ACCESS MEMORY
logo
Texas Instruments
TMS4116 TI-TMS4116 Datasheet
658Kb / 14P
16,384-BIT DYNAMIC RANDOM-ACCESS MEMORY
logo
ACCUTEK MICROCIRCUIT CO...
AK62464Z ACCUTEK-AK62464Z Datasheet
177Kb / 2P
65,536 x 24 Bit CMOS/BiCMOS Static Random Access Memory
AK63264W ACCUTEK-AK63264W Datasheet
243Kb / 2P
65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK63264AW ACCUTEK-AK63264AW Datasheet
86Kb / 2P
65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK63264BZ ACCUTEK-AK63264BZ Datasheet
91Kb / 2P
65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK49256S ACCUTEK-AK49256S_09 Datasheet
107Kb / 2P
Dynamic Random Access Memory
logo
Texas Instruments
TMS4027JL TI1-TMS4027JL Datasheet
460Kb / 11P
4096-bit dynamic random-access memory
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com