Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CH341 Datasheet (PDF) - List of Unclassifed Manufacturers

CH341 Datasheet PDF - List of Unclassifed Manufacturers
Part # CH341
Download  CH341 Download
File Size   179.64 Kbytes
Page   14 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description USB bus convert chip

CH341 Datasheet (PDF)

Go To PDF Page Download Datasheet
CH341 Datasheet PDF - List of Unclassifed Manufacturers

Part # CH341
Download  CH341 Click to download

File Size   179.64 Kbytes
Page   14 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description USB bus convert chip

CH341 Datasheet (HTML) - List of Unclassifed Manufacturers


CH341 Product details

Features
Introduction
● Full speed USB device interface, conforms to USB Specification Version 2.0, only needs crystal and
capacitance external.
● Optional: define Vender ID, production ID and list number through external low-cost serial EEPROM.
● Supports 5V and 3.3V power source.
● Low-cost, directly convert serial peripheral equipment, parallel printer and parallel peripheral
equipment.
● SOP-28 and SSOP-20 package lead free, compatible with RoHS.
● Only compatible with application layer because interfaces are diverted via USB.

UART
● Simulate standard serial used to upgrade serial peripheral equipment or increase extra serial via USB.
● Totally compatible with serial application program of computer Windows operation system.
● Hardware full-duplex serial, on-chip transform and receive buffer, supports 50bps~2Mbps
communication baud rate.
● Supporting five, six, seven or eight data bits, supporting odd, even, blank, token and no check.
● Supporting serial transfer and receive enable and serial receive ready etc transfer speed control signal
and MODEM liaison signal.
● Providing RS232, RS485 and RS422 interface through adding level switch equipment external.
● Supporting indirectly access to outside serial EEPROM memory through standard serial
communication.

Printer port
● Standard USB printer port used to upgrade parallel printer, conforms to relevant USB specification.
● Compatible with Windows operation system, totally compatible with application program under
Windows 2000 and XP without drive program.
● Supports various standard parallel printers, low-speed and high-speed print mode are optional.
● Supports bi-directional communication of IEEE-1284 specification, supports single directional and
bi-directional transfer printer.

Parallel
● Providing two interface mode: EPP and MEM.
● EPP mode supplies AS#, DS# and WR# etc signal, similar with EPP V1.7 or EPP V1.9.
● MEM mode supplies A0, RD# and WR# etc signal, similar with memory read/write mode.

Synchronous serial
● Adopts FlexWireTM technology, realize various 2-wire to 5-wire synchronous serial via software.
● As Host/Master endpoint, supports 2-wire and 4-wire etc common synchronous serial.
● 2-wire interface supplies SCL and SDA signal wire, supports four kinds of transfer speed.




Similar Part No. - CH341

ManufacturerPart #DatasheetDescription
logo
Nanjing Qinheng Microel...
CH341 WCH-CH341 Datasheet
214Kb / 12P
Bus switching chip
logo
List of Unclassifed Man...
CH341A ETC2-CH341A Datasheet
198Kb / 14P
CH341 is a USB bus convert chip, providing UART, printer port, parallel and synchronous serial with 2-wire or 4-wire through USB bus
logo
Nanjing Qinheng Microel...
CH341A WCH-CH341A Datasheet
214Kb / 12P
Bus switching chip
CH341B WCH-CH341B Datasheet
214Kb / 12P
Bus switching chip
CH341C WCH-CH341C Datasheet
214Kb / 12P
Bus switching chip
More results


Similar Description - CH341

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIUSB-5132 NI-NIUSB-5132 Datasheet
188Kb / 8P
Bus-Powered USB Digitizers
logo
E-SWITCH
PV1C240SS E-SWITCH-PV1C240SS Datasheet
186Kb / 1P
CORRECT TEMP RATING AND CONVERT
logo
Axiomtek Co., Ltd.
AX95601 AXIOMTEK-AX95601_16 Datasheet
288Kb / 1P
LVDS Convert Modules
logo
Bel Fuse Inc.
0RCY-F0S10X BEL-0RCY-F0S10X Datasheet
1Mb / 18P
Isolated DC-DC Convert
logo
List of Unclassifed Man...
CH341A ETC2-CH341A Datasheet
198Kb / 14P
CH341 is a USB bus convert chip, providing UART, printer port, parallel and synchronous serial with 2-wire or 4-wire through USB bus
logo
Nanjing Qinheng Microel...
CH372 WCH-CH372 Datasheet
222Kb / 13P
USB Bus Interface ChIp
CH374 WCH-CH374 Datasheet
220Kb / 13P
USB Bus Interface ChIp
CH375 WCH-CH375 Datasheet
244Kb / 15P
USB Bus Interface ChIp
CH3723 WCH-CH3723 Datasheet
68Kb / 2P
USB Bus Interface ChIp
logo
Shenzhen Huazhimei Semi...
HM3800S HMSEMI-HM3800S Datasheet
783Kb / 27P
BOOST CONVERT CONTROL IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com