Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0638280600 Datasheet (PDF) - Molex Electronics Ltd.

0638280600 Datasheet PDF - Molex Electronics Ltd.
Part # 0638280600
Download  0638280600 Download
File Size   21.24 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for EconoLatch Male and Female Terminals, 16-18 AWG UL1061 and 18 AWG UL1007 wires

0638280600 Datasheet (PDF)

Go To PDF Page Download Datasheet
0638280600 Datasheet PDF - Molex Electronics Ltd.

Part # 0638280600
Download  0638280600 Click to download

File Size   21.24 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for EconoLatch Male and Female Terminals, 16-18 AWG UL1061 and 18 AWG UL1007 wires

0638280600 Datasheet (HTML) - Molex Electronics Ltd.


0638280600 Product details

General
Product Family Application Tooling
Series 207129
Comments See Tooling Specification (PDF) Above
Function Crimp
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information applicationtooling@molex.com
Overview Application Tooling
Product Name EconoLatch
Taxonomy Crimp Presses and Crimp Hand T
Tool Type Hand Crimp Tool
UPC 889056685917
Warranty Disclaimer CAUTION: Molex tooling crimp specifications are
valid only when used with Molex terminals and tooling
manufactured by Molex and sold by Molex or authorized
distributors ("Molex Tooling"). When using tooling
other than Molex Tooling with Molex specific connector
systems listed in our ATS documents, the Molex tooling
qualification does not apply and the responsibility for
full qualification of the connector system is that of the
customer. Molex accepts no liability for connector
performance or tooling support where tooling other
than Molex Tooling is used or where Molex Tooling is
modified.




Similar Part No. - 0638280600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638280200 MOLEX-0638280200 Datasheet
30Kb / 2P
Hand Crimp Tool for Micro-Fit 3.0 Female Crimp Terminals, 0.75mm² and 18AWG (UL1061) wires
08/26/2022
0638280300 MOLEX-0638280300 Datasheet
22Kb / 2P
Hand Crimp Tool for 3.96mm Pitch KK Crimp Terminals, 18-22 AWG
08/25/2022
0638280700 MOLEX-0638280700 Datasheet
21Kb / 1P
Hand Crimp Tool for EconoLatch Male and Female Terminals, 20 AWG UL1007and UL1061 wires
08/25/2022
0638280800 MOLEX-0638280800 Datasheet
21Kb / 1P
Hand Crimp Tool for EconoLatch Male and Female Terminals, 22 AWG UL1007and UL1061 wires
08/26/2022
0638280900 MOLEX-0638280900 Datasheet
30Kb / 2P
Hand Crimp Tool for Standard .093 Pin and Socket Crimp Terminals, 18 AWG
08/26/2022
More results


Similar Description - 0638280600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638275300 MOLEX11-0638275300 Datasheet
36Kb / 1P
Hand Crimp Tool for Ultra-Fit Crimp Terminals, 16-18 AWG (UL1061) wires
2002186000 MOLEX-2002186000 Datasheet
40Kb / 2P
Hand Crimp Tool for Micro-Fit and Micro-Fit TPA Male Crimp Terminals, 26 AWG, UL1007 and UL1061 Wires
03/01/2022
2002186200 MOLEX-2002186200 Datasheet
40Kb / 2P
Hand Crimp Tool for Micro-Fit Female and Micro-Fit TPA Male Crimp Terminals, 30 AWG, UL1007 and UL1061 Wires
03/01/2022
2133094800 MOLEX-2133094800 Datasheet
41Kb / 2P
Hand Crimp Tool for Micro-Fit and Micro-Fit TPA Crimp Terminals, 26 AWG, UL1007 and UL1061 Wires
03/11/2022
0638278200 MOLEX-0638278200 Datasheet
20Kb / 1P
Hand Crimp Tool for ValuSeal Terminals, 16 AWG UL1061, 18 AWG UL1007 and 18 AWG UL1095 Wires
8/25/2022
0638280700 MOLEX-0638280700 Datasheet
21Kb / 1P
Hand Crimp Tool for EconoLatch Male and Female Terminals, 20 AWG UL1007and UL1061 wires
08/25/2022
0638280800 MOLEX-0638280800 Datasheet
21Kb / 1P
Hand Crimp Tool for EconoLatch Male and Female Terminals, 22 AWG UL1007and UL1061 wires
08/26/2022
0639038900 MOLEX-0639038900 Datasheet
32Kb / 1P
FineAdjust Applicator for ValuSeal Terminals, 16 AWG UL1061, 18 AWG UL1007 and 18 AWG UL1095 wires
08/26/2022
2133094900 MOLEX-2133094900 Datasheet
30Kb / 2P
Hand Crimp Tool for Micro-Fit and Micro-Fit TPA Crimp Terminals, 28 AWG, UL1007 and UL1061 Wires
08/25/2022
2133095000 MOLEX-2133095000 Datasheet
30Kb / 2P
Hand Crimp Tool for Micro-Fit and Micro-Fit TPA Crimp Terminals, 30 AWG, UL1007 and UL1061 Wires
08/25/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com