Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

51V177F Datasheet (PDF) - Skeleton Technologies. All rights reserved.

51V177F Datasheet PDF - Skeleton Technologies. All rights reserved.
Part # 51V177F
Download  51V177F Download
File Size   419.01 Kbytes
Page   3 Pages
Manufacturer  SKELETON [Skeleton Technologies. All rights reserved.]
Direct Link  www.skeletontech.com
Logo SKELETON - Skeleton Technologies. All rights reserved.
Description Up to 72% more energy in light-rail applications compared to other ultracapacitor modules

51V177F Datasheet (PDF)

Go To PDF Page Download Datasheet
51V177F Datasheet PDF - Skeleton Technologies. All rights reserved.

Part # 51V177F
Download  51V177F Click to download

File Size   419.01 Kbytes
Page   3 Pages
Manufacturer  SKELETON [Skeleton Technologies. All rights reserved.]
Direct Link  www.skeletontech.com
Logo SKELETON - Skeleton Technologies. All rights reserved.
Description Up to 72% more energy in light-rail applications compared to other ultracapacitor modules

51V177F Datasheet (HTML) - Skeleton Technologies. All rights reserved.


51V177F Product details

+ 51V DC nominal voltage
+ Rail-certified
+ Ultra-low ESR
+ Long lifetime - 1 million duty cycles
+ Integrated Supercapacitor Management System for effective cell balancing
+ CAN bus communication
+ Natural cooling
+ High Power output
+ IP65




Similar Part No. - 51V177F

ManufacturerPart #DatasheetDescription
logo
Skeleton Technologies. ...
51V166F SKELETON-51V166F Datasheet
376Kb / 2P
A popular choice for fast energy storage in transportation applications
2022
More results


Similar Description - 51V177F

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT77 DBLECTRO-NT77 Datasheet
310Kb / 2P
Super light in weight. / Switching capacity up to 12A.
NT76 DBLECTRO-NT76 Datasheet
460Kb / 2P
Super light in weight. / Switching capacity up to 16A.
logo
List of Unclassifed Man...
NESSCAP ETC2-NESSCAP Datasheet
79Kb / 1P
Ultracapacitor
logo
Maxwell Technologies
BPAK0052P015B01 MAXWELL-BPAK0052P015B01 Datasheet
421Kb / 3P
15V POWER AND ENERGY SERIES ULTRACAPACITOR PACKS
logo
New Jersey Semi-Conduct...
3N201 NJSEMI-3N201 Datasheet
163Kb / 2P
TO-72
2N3570 NJSEMI-2N3570 Datasheet
68Kb / 1P
TO-72
logo
Grayhill, Inc
093103-2-045 GRAYHILL-093103-2-045 Datasheet
430Kb / 4P
Hold-To-Test, Hold-To-Calibrate, And Other Momentary Applications
logo
List of Unclassifed Man...
HE8 ETC2-HE8 Datasheet
263Kb / 2P
Compared to 6TB air drives
logo
OSRAM GmbH
LSYT67B-R2S2-1-S2T2-26 OSRAM-LSYT67B-R2S2-1-S2T2-26 Datasheet
429Kb / 15P
more light due to higher optical efficiency
logo
ETAL Group
ESS30-S ETAL-ESS30-S Datasheet
789Kb / 6P
Low Energy Breaker with 30 % reduction of power loss compared to competitive product
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com