Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IW676-30C Datasheet (PDF) - Renesas Technology Corp

IW676-30C Datasheet PDF - Renesas Technology Corp
Part # IW676-30C
Download  IW676-30C Download
File Size   532.7 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digital Synchronous Rectifier Controller Optimized for Wide Range Outputs with Optional Active Voltage Position Control

IW676-30C Datasheet (PDF)

Go To PDF Page Download Datasheet
IW676-30C Datasheet PDF - Renesas Technology Corp

Part # IW676-30C
Download  IW676-30C Click to download

File Size   532.7 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digital Synchronous Rectifier Controller Optimized for Wide Range Outputs with Optional Active Voltage Position Control

IW676-30C Datasheet (HTML) - Renesas Technology Corp


IW676-30C Product details

1 Description
The iW676 is an advanced synchronous rectifier (SR) controller with an integrated MOSFET driver for discontinuous
mode flyback converters. The device works with an external power MOSFET to replace the main rectifying diode on
the secondary of a flyback converter, improving efficiency by reducing conduction losses on the secondary. The iW676
uses lossless sensing by monitoring the voltage across the synchronous MOSFET to determine when to switch the
FET, further improving efficiency. Dialog’s digital adaptive turn-off control technology minimizes turn-off deadtime,
eliminating the need for an additional Schottky diode that is typically needed in parallel with the synchronous MOSFET in
conventional synchronous rectifiers.
The iW676 has the ability to work at output voltages as high as 25V and as low as 3V under all conditions to
accommodate a wide array of power supplies. It can sense drain voltages up to 100V, eliminating the need for an
external clamping circuit in applications with multi-level output voltage applications up to 12V. A unique internal regulator
circuit enables the iW676 to operate down to very low voltages on the output of the power supply, optimizing the device
for Direct Charging applications down to sub-3V levels.
The iW676-3X/3XC integrates Dialog’s unique Active Voltage Positioning (AVP) control for fast dynamic load response
and very low no-load power consumption (non-rapid charge applications), without increasing the package size or pin count.

2 Features
● Supports system output voltages from 3V to 25V in
multi-level output voltage and current applications
x Integrated pulse linear regulator (PLR) enables high
efficiency SR operation down to 3V under all load
conditions and below 2.4V under constant current
(CC) mode condition
x Supports Direct Charge down to sub-3V levels
x Wide VIN pin operating voltage up to 25V
● High voltage Drain sensing up to 100V with no
additional external clamping circuits required
● 6-pin SOT23 package
● Digital adaptive turn-off control minimizes dead-time
and eliminates the parallel Schottky diode
● Lossless MOSFET VDS sensing for SR timing control
● Optimized 5V MOSFET gate driver
● Intelligent low power management achieves ultra-low noload
operating current
● Built-in Active Voltage Positioning (AVP) to provide
fast system output voltage transient detection with
no additional pins or external components required. (iW676-3X/3XC options)




Similar Part No. - IW676-30C

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW676 DIALOG-IW676 Datasheet
374Kb / 7P
Digital Synchronous Rectifier Controller Optimized for Wide
More results


Similar Description - IW676-30C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25116 NSC-LM25116 Datasheet
609Kb / 26P
Wide Range Synchronous Buck Controller
logo
Texas Instruments
LM25116 TI-LM25116 Datasheet
1Mb / 36P
Wide Range Synchronous Buck Controller
LM5116-HT TI1-LM5116-HT Datasheet
636Kb / 34P
WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
LM5116 TI1-LM5116_14 Datasheet
1Mb / 37P
Wide Range Synchronous Buck Controller
LM25116 TI1-LM25116_14 Datasheet
1Mb / 36P
Wide Range Synchronous Buck Controller
LM5116 TI-LM5116_15 Datasheet
1Mb / 39P
Wide Range Synchronous Buck Controller
LM5116-HT TI-LM5116-HT_15 Datasheet
578Kb / 35P
WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
logo
Dialog Semiconductor
IW676 DIALOG-IW676 Datasheet
374Kb / 7P
Digital Synchronous Rectifier Controller Optimized for Wide
logo
Lowpower Semiconductor ...
LP6496 POWER-LP6496 Datasheet
424Kb / 6P
Wide Range Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1483C HMSEMI-HM1483C Datasheet
607Kb / 9P
Wide Range Synchronous Buck Controller
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com