Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL0512P Datasheet (PDF) - PerkinElmer Optoelectronics

RL0512P Datasheet PDF - PerkinElmer Optoelectronics
Part # RL0512P
Download  RL0512P Download
File Size   173.23 Kbytes
Page   8 Pages
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics
Description P-SERIES LINEAR PHOTODIODE ARRAY IMAGERS

RL0512P Datasheet (PDF)

Go To PDF Page Download Datasheet
RL0512P Datasheet PDF - PerkinElmer Optoelectronics

Part # RL0512P
Download  RL0512P Click to download

File Size   173.23 Kbytes
Page   8 Pages
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics
Description P-SERIES LINEAR PHOTODIODE ARRAY IMAGERS

RL0512P Datasheet (HTML) - PerkinElmer Optoelectronics


RL0512P Product details

Description

In the P-series linear imagers, PerkinElmer has combined the best features of high-sensitivity photodiode array detection and high-speed charge coupled scanning to offer an uncompromising solution to the increasing demands of advanced imaging applications.



Features

• Extended spectral range—250 to 1000 nm

• 40 MHz pixel readout rate

• 2500:1 dynamic range

• 5-volt clocking

• Line rates to 70 kHz

• Ultra low image lag

• Electronic exposure control

• Antiblooming control

• Square pixels with 100% fill factor



 




Similar Part No. - RL0512P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL0510 ETC-RL0510 Datasheet
54Kb / 1P
low resistance value chip resistors with short-side electrodes for high-precision current detection.
RL0510 ETC-RL0510 Datasheet
1Mb / 2P
Low resistance chip resistors (short side terminal)
RL0510S-1R0-F ETC-RL0510S-1R0-F Datasheet
54Kb / 1P
low resistance value chip resistors with short-side electrodes for high-precision current detection.
More results


Similar Description - RL0512P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDB-C232 ETC2-PDB-C232 Datasheet
169Kb / 1P
Blue Enhanced Linear Array Silicon Photodiode
logo
HY ELECTRONIC CORP.
AA16-9DIL18 HY-AA16-9DIL18 Datasheet
311Kb / 2P
Avalanche Photodiode Array
logo
List of Unclassifed Man...
PDB-C216 ETC2-PDB-C216 Datasheet
175Kb / 1P
Blue Enhanced Linear Array Silicon Photodiode
logo
Advanced Photonix, Inc.
PDB-C216 ADVANCEDPHOTONIX-PDB-C216 Datasheet
110Kb / 1P
Blue Enhanced Linear Array Silicon Photodiode
PDB-C232 ADVANCEDPHOTONIX-PDB-C232 Datasheet
115Kb / 1P
Blue Enhanced Linear Array Silicon Photodiode
SD219-51-03-301 ADVANCEDPHOTONIX-SD219-51-03-301 Datasheet
101Kb / 1P
Blue Enhanced Linear Array Silicon Photodiode
logo
Keysight Technologies
U5855A KEYSIGHT-U5855A Datasheet
2Mb / 9P
U5850 Series TrueIR Thermal Imagers
U5856A KEYSIGHT-U5856A Datasheet
2Mb / 9P
U5850 Series TrueIR Thermal Imagers
logo
Luna Innovations Incorp...
SD219-51-03-301 LUNA-SD219-51-03-301 Datasheet
103Kb / 2P
Blue Enhanced Linear Array Silicon Photodiode
logo
Keysight Technologies
U5850 KEYSIGHT-U5850 Datasheet
1Mb / 10P
U5850 Series TrueIR Thermal Imagers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com