Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IHSM-3825 Datasheet (PDF) - Vishay Siliconix

IHSM-3825 Datasheet PDF - Vishay Siliconix
Part # IHSM-3825
Download  IHSM-3825 Download
File Size   76.27 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Current, Surface Mount Inductors - Wirewound Molded

IHSM-3825 Datasheet (PDF)

Go To PDF Page Download Datasheet
IHSM-3825 Datasheet PDF - Vishay Siliconix

Part # IHSM-3825
Download  IHSM-3825 Click to download

File Size   76.27 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Current, Surface Mount Inductors - Wirewound Molded

IHSM-3825 Datasheet (HTML) - Vishay Siliconix


IHSM-3825 Product details

FEATURES
• Flame retardant encapsulant (UL 94 V-0)
• Completely encapsulated winding provides
superior environmental protection and moisture
resistance
• High current unit in surface mount package printed with
model, inductance value and date code
• Compatible with infrared or conventional reflow soldering
methods
• Pick and place compatible
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
Excellent power line noise filters, filters for switching
regulated power supplies, DC/DC converters, SCR and triac
controls and RFI suppression.

ELECTRICAL SPECIFICATIONS
Inductance: Measured at 1 V with no DC current
Inductance Tolerance: ± 15 %
Incremental Current: The typical current at which the
inductance will be decreased by 5 % from its initial zero DC
value
Operating Temperature: -55 °C to +125 °C (no load);
-55 °C to +85 °C (at full rated current)

MECHANICAL SPECIFICATIONS
Core: High resistivity ferrite core
Encapsulant: Epoxy
Terminals: 100 % Sn over Ni




Similar Part No. - IHSM-3825

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHSM-3825 VISHAY-IHSM-3825 Datasheet
101Kb / 1P
High Current, Surface Mount Inductor
20-Jan-03
IHSM-3825 VISHAY-IHSM-3825 Datasheet
244Kb / 2P
SMD Magnetics Packaging Methods
15-Jan-14
IHSM-3825 VISHAY-IHSM-3825 Datasheet
92Kb / 2P
High Current, Surface Mount Inductors - Wirewound Molded
20-Sep-13
IHSM-3825 VISHAY-IHSM-3825_06 Datasheet
90Kb / 2P
High Current, Surface Mount Inductor
10-Aug-06
IHSM-3825 VISHAY-IHSM-3825_13 Datasheet
92Kb / 2P
High Current, Surface Mount Inductors - Wirewound Molded
20-Sep-13
More results


Similar Description - IHSM-3825

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IMC1210ER100K VISHAY-IMC1210ER100K Datasheet
72Kb / 2P
Wirewound, Surface Mount Molded Inductors
15-Mar-11
IHSM4825ER680L VISHAY-IHSM4825ER680L Datasheet
72Kb / 2P
High Current, Surface Mount Inductors - Wirewound Molded
20-Sep-13
IHSM4825ER6R8L VISHAY-IHSM4825ER6R8L Datasheet
72Kb / 2P
High Current, Surface Mount Inductors - Wirewound Molded
20-Sep-13
IHSM-3825 VISHAY-IHSM-3825_13 Datasheet
92Kb / 2P
High Current, Surface Mount Inductors - Wirewound Molded
20-Sep-13
IHSM7832 VISHAY-IHSM7832 Datasheet
83Kb / 2P
High Current, Surface Mount Inductors - Wirewound Molded
07-Jan-2019
IHSM4825 VISHAY-IHSM4825 Datasheet
74Kb / 2P
High Current, Surface Mount Inductors - Wirewound Molded
20-Sep-13
IHSM3825 VISHAY-IHSM3825 Datasheet
90Kb / 2P
High Current, Surface Mount Inductors - Wirewound Molded
20-Sep-13
IHSM-4825 VISHAY-IHSM-4825_V01 Datasheet
60Kb / 2P
High Current, Surface Mount Inductors - Wirewound Molded
20-Sep-13
IHSM-5832 VISHAY-IHSM-5832_V01 Datasheet
73Kb / 2P
High Current, Surface-Mount Inductors - Wirewound Molded
30-Jul-2020
IHSM-7832 VISHAY-IHSM-7832_V01 Datasheet
68Kb / 2P
High Current, Surface Mount Inductors - Wirewound Molded
07-Jan-2019
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com