Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILAS-1206 Datasheet (PDF) - Vishay Siliconix

ILAS-1206 Datasheet PDF - Vishay Siliconix
Part # ILAS-1206
Download  ILAS-1206 Download
File Size   117.34 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Chip Array Ferrite Beads

ILAS-1206 Datasheet (PDF)

Go To PDF Page Download Datasheet
ILAS-1206 Datasheet PDF - Vishay Siliconix

Part # ILAS-1206
Download  ILAS-1206 Click to download

File Size   117.34 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Chip Array Ferrite Beads

ILAS-1206 Datasheet (HTML) - Vishay Siliconix


ILAS-1206 Product details

FEATURES
• Combines four single 0603 chips into one
package to reduce board space and placement
time
• Highly effective in high density applications
• 0.031" [0.8 mm] terminal pitch makes it easy to apply EMI
prevention in multiple-lines such as connectors and IC
pins
• Material and construction design minimize crosstalk
between adjacent circuits
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

ENVIRONMENTAL SPECIFICATIONS
Operating temperature: -55 °C to +125 °C
Thermal shock: 300 cycles, -40 °C to +125 °C
Biased humidity: 85 % RH at 85 °C, 1000 h at full rated
current




Similar Part No. - ILAS-1206

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILAS-1206 VISHAY-ILAS-1206 Datasheet
118Kb / 3P
Chip Array Ferrite Bead
16-Jan-06
ILAS-1206 VISHAY-ILAS-1206 Datasheet
244Kb / 2P
SMD Magnetics Packaging Methods
15-Jan-14
ILAS-1206 VISHAY-ILAS-1206 Datasheet
134Kb / 3P
Chip Array Ferrite Beads
17-Aug-17
ILAS-1206 VISHAY-ILAS-1206_17 Datasheet
134Kb / 3P
Chip Array Ferrite Beads
17-Aug-17
More results


Similar Description - ILAS-1206

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SHB-4-3216 SUMIDA-SHB-4-3216 Datasheet
439Kb / 4P
Multilayer Chip Ferrite Beads Array
SHB-4-2010 SUMIDA-SHB-4-2010 Datasheet
385Kb / 3P
Multilayer Chip Ferrite Beads Array
logo
Superworld Electronics
A4K300-RE-10 SUPERWORLD-A4K300-RE-10 Datasheet
414Kb / 9P
FERRITE CHIP BEADS 4 LINE ARRAY
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
FERRITE CHIP BEADS
logo
Vishay Siliconix
ILAS1206ER102V VISHAY-ILAS1206ER102V Datasheet
118Kb / 3P
Chip Array Ferrite Beads
16-Jan-06
logo
Superworld Electronics
A4K_SERIES SUPERWORLD-A4K_SERIES Datasheet
240Kb / 7P
FERRITE CHIP BEADS 4 LINE ARRAY
logo
Abracon Corporation
ACSB-04-T ABRACON-ACSB-04-T Datasheet
1Mb / 2P
Surface Mount Ferrite Chip Beads Array
09.20.13
logo
Vishay Siliconix
ILAS-1206 VISHAY-ILAS-1206_17 Datasheet
134Kb / 3P
Chip Array Ferrite Beads
17-Aug-17
logo
Central Technologies
CTCBA1206F CT-CTCBA1206F Datasheet
227Kb / 2P
Chip Array Ferrite Beads
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com