Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1184084 Datasheet (PDF) - PHOENIX CONTACT

1184084 Datasheet PDF - PHOENIX CONTACT
Part # 1184084
Download  1184084 Download
File Size   523.73 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Industrial Ethernet Switch - FL SWITCH 2316/K1

1184084 Datasheet (PDF)

Go To PDF Page Download Datasheet
1184084 Datasheet PDF - PHOENIX CONTACT

Part # 1184084
Download  1184084 Click to download

File Size   523.73 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Industrial Ethernet Switch - FL SWITCH 2316/K1

1184084 Datasheet (HTML) - PHOENIX CONTACT


1184084 Product details

Managed Switch 2000, PROFINET Conformance-Class B

Your advantages
• DHCP client, DHCP server (pool-based and port-based), DHCP option 82
• VLANs
• MRP (client and manager)
• Ambient temperature -40 °C ... 70 °C
• RSTP
• Configuration memory
• Web-based management, SNMP
• Easy and fast startup and commissioning with the FL NETWORK MANAGER software
• Suitable for PROFINET and EtherNet/IP™ networks




Similar Part No. - 1184084

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
11840 ETC-11840 Datasheet
125Kb / 1P
Heyco짰 Nylon Male/Female Threaded Hex Supports
logo
Heyco.
11840 HEYCO-11840 Datasheet
123Kb / 1P
Nylon Male/Female Threaded Hex Supports
logo
CEE Norm UK Ltd
11840 CEENORM-11840 Datasheet
1Mb / 4P
Socket Outlets
More results


Similar Description - 1184084

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1085039 PHOENIX-1085039 Datasheet
274Kb / 8P
Industrial Ethernet Switch - FL SWITCH 1005N
1085243 PHOENIX-1085243 Datasheet
261Kb / 8P
Industrial Ethernet Switch - FL SWITCH 1108N
2702326 PHOENIX-2702326 Datasheet
236Kb / 10P
Industrial Ethernet Switch - FL SWITCH 2205
2702666 PHOENIX-2702666 Datasheet
228Kb / 10P
Industrial Ethernet Switch - FL SWITCH 2108
2702652 PHOENIX-2702652 Datasheet
247Kb / 11P
Industrial Ethernet Switch - FL SWITCH 2308
1085165 PHOENIX-1085165 Datasheet
409Kb / 14P
Industrial Ethernet Switch - FL SWITCH 1008NT
Nov 16, 2022
1031673 PHOENIX-1031673 Datasheet
694Kb / 20P
Industrial Ethernet Switch - FL SWITCH 2316 PN
Dec 2, 2022
2891032 PHOENIX-2891032 Datasheet
459Kb / 14P
Industrial Ethernet Switch - FL SWITCH 3005T
Dec 2, 2022
1215350 PHOENIX-1215350 Datasheet
654Kb / 18P
Industrial Ethernet Switch - FL SWITCH 2508/K1
Dec 2, 2022
2702909 PHOENIX-2702909 Datasheet
695Kb / 20P
Industrial Ethernet Switch - FL SWITCH 2316
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com