Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1966169 Datasheet (PDF) - PHOENIX CONTACT

1966169 Datasheet PDF - PHOENIX CONTACT
Part # 1966169
Download  1966169 Download
File Size   489.84 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Printed-circuit board connector - FMC 1,5/ 9-STF-3,5

1966169 Datasheet (PDF)

Go To PDF Page Download Datasheet
1966169 Datasheet PDF - PHOENIX CONTACT

Part # 1966169
Download  1966169 Click to download

File Size   489.84 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Printed-circuit board connector - FMC 1,5/ 9-STF-3,5

1966169 Datasheet (HTML) - PHOENIX CONTACT


1966169 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, type of contact: Female connector, number of potentials: 9,
number of rows: 1, number of positions: 9, number of connections: 9, product range: FMC 1,5/..-
STF, pitch: 3.5 mm, connection method: Push-in spring connection, conductor/PCB connection
direction: 0 °, number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5,
locking: Screw locking, mounting: Screw flange, type of packaging: packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive use through colour coded actuation lever
• Operation and conductor connection from one direction enable integration into front of device
• Screwable flange for superior mechanical stability




Similar Part No. - 1966169

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1966101 PHOENIX-1966101 Datasheet
165Kb / 12P
Printed-circuit board connector - FMC 1,5/ 3-STF-3,5
09/12/2020
1966114 PHOENIX-1966114 Datasheet
504Kb / 14P
Printed-circuit board connector - FMC 1,5/ 4-STF-3,5
1966127 PHOENIX-1966127 Datasheet
183Kb / 11P
Printed-circuit board connector - FMC 1,5/ 5-STF-3,5
1966130 PHOENIX-1966130 Datasheet
173Kb / 11P
Printed-circuit board connector - FMC 1,5/ 6-STF-3,5
1966143 PHOENIX-1966143 Datasheet
519Kb / 15P
Printed-circuit board connector - FMC 1,5/ 7-STF-3,5
More results


Similar Description - 1966169

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1966091 PHOENIX-1966091 Datasheet
168Kb / 12P
Printed-circuit board connector - FMC 1,5/ 2-STF-3,5
1966101 PHOENIX-1966101 Datasheet
165Kb / 12P
Printed-circuit board connector - FMC 1,5/ 3-STF-3,5
09/12/2020
1864998 PHOENIX-1864998 Datasheet
147Kb / 4P
Printed-circuit board connector - FMC 1,5/ 9-STF-3,5 PA1 BDMURR
09/12/2020
1865010 PHOENIX-1865010 Datasheet
147Kb / 4P
Printed-circuit board connector - FMC 1,5/ 9-STF-3,5 BD8MURR
09/12/2020
1966208 PHOENIX-1966208 Datasheet
151Kb / 10P
Printed-circuit board connector - FMC 1,5/13-STF-3,5
09/12/2020
1966211 PHOENIX-1966211 Datasheet
151Kb / 10P
Printed-circuit board connector - FMC 1,5/14-STF-3,5
09/12/2020
1966237 PHOENIX-1966237 Datasheet
151Kb / 10P
Printed-circuit board connector - FMC 1,5/16-STF-3,5
09/12/2020
1966240 PHOENIX-1966240 Datasheet
147Kb / 10P
Printed-circuit board connector - FMC 1,5/17-STF-3,5
09/12/2020
1966143 PHOENIX-1966143 Datasheet
519Kb / 15P
Printed-circuit board connector - FMC 1,5/ 7-STF-3,5
1966185 PHOENIX-1966185 Datasheet
523Kb / 16P
FMC 1,5/11-STF-3,5 - Printed-circuit board connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com